| データシートサーチシステム |
|
M95040-RBN3TP データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95040-RBN3TP データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 37 page ![]() M95040, M95020, M95010 12/37 INSTRUCTIONS Each instruction starts with a single-byte code, as summarized in Table 5.. If an invalid instruction is sent (one not contained in Table 5.), the device automatically deselects it- self. Table 5. Instruction Set Note: 1. A8 = 1 for the upper half of the memory array of the M95040, and 0 for the lower half, and is Don’t Care for other devices. 2. X = Don’t Care. Instruc tion Description Instruction Format WREN Write Enable 0000 X110 WRDI Write Disable 0000 X100 RDSR Read Status Register 0000 X101 WRSR Write Status Register 0000 X001 READ Read from Memory Array 0000 A8011 WRITE Write to Memory Array 0000 A8010 |