データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP97 データシート(PDF) 12 Page - Analog Devices

部品番号 OP97
部品情報  Analog Devices Wiki
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP97 データシート(HTML) 12 Page - Analog Devices

Back Button OP97 Datasheet HTML 5Page - Analog Devices OP97 Datasheet HTML 6Page - Analog Devices OP97 Datasheet HTML 7Page - Analog Devices OP97 Datasheet HTML 8Page - Analog Devices OP97 Datasheet HTML 9Page - Analog Devices OP97 Datasheet HTML 10Page - Analog Devices OP97 Datasheet HTML 11Page - Analog Devices OP97 Datasheet HTML 12Page - Analog Devices OP97 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
7/12/22, 4:48 PM
ADALP2000 Product Description [Analog Devices Wiki]
https://wiki.analog.com/university/tools/adalp2000/parts-index
12/13
Picture
Part Number
Description
Link
(/_detail/university/tools/adalp2000/inductors.png?
id=university%3Atools%3Aadalp2000%3Aparts-index)
* RFB0807-1R0L
* RFB0807-100L
* RFB0807-101L
* RFB0807-102L
* RFB0807-103L
* 1uH Inductor
5mm radial Link
* 10uH
Inductor 5mm
radial Link
* 100uH
Inductor 5mm
radial Link
* 1mH Inductor
5mm radial Link
* 10m Inductor
5mm radial Link
Datasheet [https://www.coilcraft.com/pdfs/rfb.pdf]
(/_detail/university/tools/adalp2000/20k.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
* 1.1 Ω 1/8W
axial Resistor
* 10 Ω 1/8W
axial Resistor
* 47 Ω 1/8W
axial Resistor
* 68 Ω 1/8W
axial Resistor
* 100 Ω 1/8W
axial Resistor
* 470 Ω 1/8W
axial Resistor
* 1 kΩ 1/8W
axial Resistor
* 1.5 kΩ 1/8W
axial Resistor
* 2.2 kΩ 1/8W
axial Resistor
* 4.7 kΩ 1/8W
axial Resistor
* 6.8 kΩ 1/8W
axial Resistor
* 10 kΩ 1/8W
axial Resistor
* 20 kΩ 1/8W
axial Resistor
* 47 kΩ 1/8W
axial Resistor
* 68 kΩ 1/8W
axial Resistor
* 100 kΩ 1/8W
axial Resistor
* 200 kΩ 1/8W
axial Resistor
* 470 kΩ 1/8W
axial Resistor
* 1 MΩ 1/8W
axial Resistor
* 5 MΩ 1/8W
axial Resistor
Resistors Link (/university/courses/electronics/electronics-lab-resistors) (including color code) Axial Carbon
(/_detail/university/tools/adalp2000/caps.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
* 39pF Ceramic
Capacitor Disc
* 100pF
Ceramic
Capacitor Disc
* 0.001 μF
Ceramic
Capacitor Disc
* 0.0047 μF
Ceramic
Capacitor Disc
* 0.01 μF
Ceramic
Capacitor Disc
* 0.047 μF
Ceramic
Capacitor Disc
* 0.1 μF
Ceramic
Capacitor Disc
* 1 μF
Electrolytic
Capacitor Can
* 4.7 μF
Electrolytic
Capacitor Can
* 10 μF
Electrolytic
Capacitor Can
* 22 μF
Electrolytic
Capacitor Can
* 47 μF
Electrolytic
Capacitor Can
* 220 μF
Electrolytic
Capacitor Can
* Link Marking: 39
* Link Marking: 101
* Link Marking: 102
* Link Marking: 472
* Link Marking: 103
* Link Marking: 473
* Link Marking: 104
* Link Marking: 1 μF
* Link Marking: 4.7 μF
* Link Marking: 10 μF
* Link Marking: 22 μF
* Link Marking: 47 μF
* Link Marking: 220 μF
Depreciated items:
SSM2220 PNP Matched Transistors BOB
SSM2212 NPN Matched Transistors BOB
ADMP504 MEMS Ultralow Noise Microphone BOB
605-00004 Piezo Vibration Sensor
GT-0950RP3 Buzzer/Speaker 5mm radial
CD4007
PDV-P9203 5-20kΩ Photocell
QSC114 Infrared Transistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com