| データシートサーチシステム |
|
ATV320U07M2WS データシート(PDF) 9 Page - Schneider Electric |
|
|
|||||||||||||||||||||||||||||
ATV320U07M2WS データシート(HTML) 9 Page - Schneider Electric |
|
9 / 9 page ![]() Product data sheet Connections and Schema ATV320U07M2WS Digital Inputs Wiring The logic input switch (SW1) is used to adapt the operation of the logic inputs to the technology of the programmable controller outputs. Switch SW1 set to “Source” position and use of the output power supply for the DIs. Switch SW1 set to “Source” position and use of an external power supply for the DIs. Switch SW1 set to “Sink Int” position and use of the output power supply for the DIs. Switch SW1 set to “Sink Ext” position and use of an external power supply for the DIs. Jan 6, 2022 9 |