データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP7159ACPZ-03-R7 データシート(PDF) 21 Page - Analog Devices

部品番号 ADP7159ACPZ-03-R7
部品情報  2 A, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP7159ACPZ-03-R7 データシート(HTML) 21 Page - Analog Devices

Back Button ADP7159ACPZ-03-R7 Datasheet HTML 15Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 16Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 17Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 18Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 19Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 20Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 21Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 22Page - Analog Devices ADP7159ACPZ-03-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
ADP7159
Rev. B | Page 21 of 23
PCB LAYOUT CONSIDERATIONS
Place the input capacitor as close as possible between the VIN pin
and ground. Place the output capacitor as close as possible between
the VOUT pin and ground. Place the bypass capacitors (CREG, CREF,
and CBYP) for VREG, VREF, and VBYP close to the respective pins
(VREG, REF, and BYP) and ground. The use of a 0805, a 0603,
or a 0402 size capacitor achieves the smallest possible footprint
solution on boards where area is limited. Maximize the amount
of ground metal for the exposed pad, and use as many vias as
possible on the component side to improve thermal dissipation.
Figure 63. Sample 10-Lead LFCSP PCB Layout
Figure 64. Sample 8-Lead SOIC PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23