| データシートサーチシステム |
|
IM-R/S-M データシート(PDF) 1 Page - Labfacility Ltd |
|
|
|||||||||||||||||||||||||||||
IM-R/S-M データシート(HTML) 1 Page - Labfacility Ltd |
|
1 / 2 page ![]() ‘Thermocouple connector with flat pins’ Miniature In-Line Plugs Formed in 1971, Labfacility specialize in the field of Temperature and Process Measurement. We are the largest UK manufacturer of both temperature sensors and thermocouple connectors Quality and Service are key ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ of Labfacility. Technical support is always freely available from our experienced technical sales teams and the company has ISO9001 ĂĐĐƌĞĚŝƚĂƟŽŶ͘ temperature and process technology Contact Details Email sales@labfacility.com Website www.labfacility.com FAR007/0313. Miniature In-Line Plugs Range of miniature thermocouple connectors with flat pins to suit thermocouple type Ideal for general purpose use ůůĐŽŶƚĂĐƚƐĂƌĞƉŽůĂƌŝƐĞĚƚŽĞŶƐƵƌĞĐŽƌƌĞĐƚĐŽŶŶĞĐƟŽŶ Connecters will accept thermocouple cable up to 4mm in diameter Cable clamp available for securing cable to plugs Available in Thermocouple types K, J, T, N, B, E, R/S & Copper For Types K, J, T & N contacts are made from true Thermocouple alloys ŽůŽƵƌĐŽĚĞĚŝŶĂĐĐŽƌĚĂŶĐĞǁ ŝƚŚ/ƐƉĞĐŝĮ ĐĂƟŽŶ D ĂdžŝŵƵŵĐŽŶƟŶƵŽƵƐŽƉĞƌĂƟŶŐƚĞŵƉĞƌĂƚƵƌĞϮϮϬĚĞŐΣ T/C Colour Code нWŽƐŝƟǀ Ğ -E ĞŐĂƟǀ Ğ Part Farnell Type (IEC) (alloy type) (alloy type) Code Order Code K Green +Nickel Chromium -Nickel Alloy IM-K-M 708-6362 J Black +Iron -Copper Nickel IM-J-M 151-128 T Brown +Copper -Copper Nickel IM-T-M 708-6404 N Pink +Nickel/Chro/Silicon -Nickel Silicon IM-N-M 708-6430 Copper White +Copper -Copper IM-CU-M 721-8874 B Grey +Copper -Copper IM-B-M 2347018 E Violet +Nickel Chromium -Copper Nickel IM-E-M 234-7019 R/S Orange +Copper -Copper Alloy IM-R/S-M 234-7020 |
同様の部品番号 - IM-R/S-M |
|
同様の説明 - IM-R/S-M |