データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FK2FZF データシート(PDF) 1 Page - Taoglas antenna solutions

部品番号 FK2FZF
部品情報  FAKRA Code Z Water Blue Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOGLAS [Taoglas antenna solutions]
ホームページ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FK2FZF データシート(HTML) 1 Page - Taoglas antenna solutions

  FK2FZF Datasheet HTML 1Page - Taoglas antenna solutions FK2FZF Datasheet HTML 2Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPE-24-8-145 - A
taoglas.com
FAKRA Code Z Water Blue Connector
FAKRA Gen 2 – Code Z for RG-174, RG-316, TGC/CFD-200, TGC-302/RTK031, TGC-1.5DS cables
Product description
Taoglas is a leading provider of advanced technology for a smarter world. Our solutions include advanced
components and technologies and help OEMs, enterprises, and communities to resolve the complexities
of bringing digital transformation solutions to market quickly and cost effectively. Focused on best-in-class,
high-performance antenna and RF design with advanced positioning, imaging, audio and artificial intelligence
technologies, Taoglas understands the importance of high-performance connections.
Taoglas GEN.2 FAKRA connectors utilize a metal SMB connector embedded within a plastic enclosure that is
colour coded and keyed for ease of identification and assembly. They have been designed with a swivel style
housing for ease of installation. They are designed for high-volume production, automated harness assembly
and provide superior performance. They are manufactured with the highest precision and are thoroughly
tested to meet USCAR-2 and USCAR-17 standards. All Taoglas connectors are RoHS & REACH compliant.
The Water Blue Code Z connector is typically used for DSRC/ other connections and is available for multiple
cable diameters.
Specifications
Electrical
Impedance
50Ω Nominal
Frequency Range
DC - 6000MHz
VSWR (Return Loss)
0 ~ 3000MHz < 1.3
3000 ~ 6000MHz < 1.5
D.W.V
800 VRMS, Min
Insulation Resistance
≥100MΩ
Mechanical
Durability
25 Cycles Min
Insertion Force
≤25N
Withdraw Force
≥2N
Locking Device Strength
≥80N
Outer Contact Rentention Force in Housing
≥100N
Suitable Cables
RG-174, RG-316, TGC/CFD200, TGC-302/RTK031, TGC-1.5DS
Storage and Opeartional Tempeature Range
-40°C - 105°C
Features
• Optimizedforautomated
manufacturing
• FullSeriesofcoloursavailable
• RFperformanceupto 6GHz
• PrimaryandSecondaryLocks
• Tulipcontact/anti-stubbing
• Housinginnerring/anti-scooping
• FullycomplianttoUSCAR
requirements


同様の部品番号 - FK2FZF

メーカー部品番号データシート部品情報
logo
Taoglas antenna solutio...
FK2FCDK TAOGLAS-FK2FCDK Datasheet
633Kb / 2P
FAKRA Code C Blue Connector
FK2FCF TAOGLAS-FK2FCF Datasheet
633Kb / 2P
FAKRA Code C Blue Connector
FK2FCG TAOGLAS-FK2FCG Datasheet
633Kb / 2P
FAKRA Code C Blue Connector
FK2FCVV TAOGLAS-FK2FCVV Datasheet
633Kb / 2P
FAKRA Code C Blue Connector
FK2FDDK TAOGLAS-FK2FDDK Datasheet
663Kb / 2P
FAKRA Code D Bordeaux Violet
More results

同様の説明 - FK2FZF

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
73403-5769 MOLEX11-73403-5769 Datasheet
48Kb / 1P
50 Ohms, FAKRA II SMB Jack, Keying Option Z, Water Blue
0734041090 MOLEX11-0734041090 Datasheet
67Kb / 1P
50 Ohms, FAKRA/SMB Straight Plug Crimp RG-178 and RF-196 Cable Code Z/Water Blue
0734035770 MOLEX1-0734035770_18 Datasheet
45Kb / 1P
50 Ohms, FAKRA SMB Jack, Keying Option Z, Water Blue
0734035750 MOLEX-0734035750_V01 Datasheet
33Kb / 1P
50 Ohms, FAKRA SMB Plug, Keying Option Z, Water Blue
0734035770 MOLEX-0734035770_V01 Datasheet
45Kb / 1P
50 Ohms, FAKRA SMB Jack, Keying Option Z, Water Blue
0734036270 MOLEX-0734036270_V01 Datasheet
33Kb / 1P
50 Ohms, FAKRA SMB Plug, Keying Option Z, Water Blue
0734036930 MOLEX-0734036930 Datasheet
33Kb / 1P
50 Ohms, FAKRA Plug, Straight, for RG-316 and RG-174 Cable, Keying Code Z, Water Blue
0734037240 MOLEX-0734037240 Datasheet
41Kb / 1P
50 Ohms, FAKRA Plug, Straight, for RG-58 Cable, Keying Code Z, Water Blue
0734040820 MOLEX-0734040820_V01 Datasheet
40Kb / 1P
50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Code Z/Water Blue
0734041090 MOLEX-0734041090_V01 Datasheet
56Kb / 1P
50 Ohms, FAKRA/SMB Straight Plug Crimp RG-178 and RF-196 Cable Code Z/Water Blue
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com