| データシートサーチシステム |
|
SERCON410B データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SERCON410B データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 34 page ![]() DATA STRUCTURES WITHIN THE RAM (Continued) 4.2.3 End Marker The end marker comprises two 16-bit words: Index Bit Name Function 0 0-13 (Not used) 14 1 Marker bit for the end marker. 15 1 Marker bit for the end marker. 1 0-15 TEND Time after end of MST at which the last telegram has ended (in µs). Figure 14. Structure of Service Container 4.2.4 Service Containers A service container contains 5 control words and a buffer (BUFLEN words, max. length 255) (Fig. 14) ® SERCON410B 26/30 |