データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FK4T7UL データシート(PDF) 2 Page - Saia-Burgess

部品番号 FK4T7UL
部品情報  FK4
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAIA-BURGESS [Saia-Burgess]
ホームページ  
Logo SAIA-BURGESS - Saia-Burgess

FK4T7UL データシート(HTML) 2 Page - Saia-Burgess

  FK4T7UL Datasheet HTML 1Page - Saia-Burgess FK4T7UL Datasheet HTML 2Page - Saia-Burgess FK4T7UL Datasheet HTML 3Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
32
Burgess switches
www.burgess-switch.com
burgess-switch@johnsonelectric.om
FK4
Burgess
±0.05
0.8±0.05
[0.2]
3.0
5.1
MAX
[0.12]
[0.05]
[0.18]
[0.19]
2.5
4.6
[0.1]
4.77
[0.2]
[0.02]
[0.38]
[0.69]
[0.2]
9.53
5.08
0.50
2 MOUNTING HOLES
Ø2.25 0.0 [0.09]
+0.1
1.18
[0.05]
5.08
1.18
17.6
MAX
4
2
1
3
NORMALLY
OPEN
NORMALLY
CLOSED
4
2
1
3
Specifications
Housing
Glass fibre reinforced flame retardent nylon
Plunger
Nylon
Mechanism
Double pole, single throw snap-action coil spring mechanism with stainless steel springs
Functions
Change-over, NO, NC
Contacts
Silver
Terminals
Solder, PCB - brass, gold flashed
Temperature range ºC
–40°C to +85°C
Mechanical life
107 cycles minimum (impact free actuation)
Protection
IP40 (enclosure)
Mounting
Side mounting or PCB mounting (T8 only)
Actuators
Plain lever, simulated roller lever/cam follower, stainless steel
Circuit diagram
Dimensions
Recommended maximum electrical ratings
Voltage
Load
Approval
(max)
(A)
250 VAC
5 (0.75 pf)
UL 1054/CSA 22.2 No. 55 - 6,000 operations
125 VAC
5 (0.75 pf)
UL 1054/CSA 22.2 No. 55 - 6,000 operations
0 - 15 VDC
5
General rating - 50,000 operations
15 - 30 VDC
3
General rating - 50,000 operations
Values shown are recommended maximum ratings for single circuit switching



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com