| データシートサーチシステム |
|
74HC259D データシート(PDF) 2 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HC259D データシート(HTML) 2 Page - Nexperia B.V. All rights reserved |
|
2 / 21 page ![]() 74HC_HCT259 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 6 — 2 February 2016 2 of 21 NXP Semiconductors 74HC259; 74HCT259 8-bit addressable latch 3. Ordering information 4. Functional diagram Table 1. Ordering information Type number Package Temperature range Name Description Version 74HC259D 40 C to +125 C SO16 plastic small outline package; 16 leads; body width 3.9 mm SOT109-1 74HCT259D 74HC259DB 40 C to +125 C SSOP16 plastic shrink small outline package; 16 leads; body width 5.3 mm SOT338-1 74HCT259DB 74HC259PW 40 C to +125 C TSSOP16 plastic thin shrink small outline package; 16 leads; body width 4.4 mm SOT403-1 74HCT259PW 74HC259BQ 40 C to +125 C DHVQFN16 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 3.5 0.85 mm SOT763-1 74HCT259BQ Fig 1. Logic symbol Fig 2. IEC logic symbol |