| データシートサーチシステム |
|
74HC3GU04DP データシート(PDF) 9 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HC3GU04DP データシート(HTML) 9 Page - Nexperia B.V. All rights reserved |
|
9 / 17 page ![]() © Nexperia B.V. 2017. All rights reserved 74HC3GU04 All information provided in this document is subject to legal disclaimers. Product data sheet Rev. 5 — 2 October 2013 9 of 17 Nexperia 74HC3GU04 Triple unbuffered inverter Remark: All values given are typical values unless otherwise specified. ZL >10k. R1 3k. R2 1M. Open loop amplification: AOL = 20 (typical). Voltage amplification: . Vo(p-p) =VCC 1.5 V centered at 0.5 VCC. Unity gain bandwidth product is 5 MHz (typical). Input capacitance see Figure 13. Fig 12. Linear amplifier application (1) VCC = 2.0 V. (2) VCC = 4.5 V. (3) VCC = 6.0 V. Fig 13. Typical input capacitance as a function of the input voltage U04 R1 R2 VCC ZL mna052 1 µF A V A OL 1 R1 R2 ------- 1A OL + + ----------------------------------------- – = 08 46 2 VI (V) 80 40 20 60 0 mna054 (1) (2) (3) input capacitance (pF) |