| データシートサーチシステム |
|
RASPBERRYPI-3-MODEL-B データシート(PDF) 2 Page - Raspberry Pi Holdings PLC |
|
|
|||||||||||||||||||||||||||||
RASPBERRYPI-3-MODEL-B データシート(HTML) 2 Page - Raspberry Pi Holdings PLC |
|
2 / 5 page ![]() 1 Raspberry Pi 3 Model B+ raspberrypi.org Overview The Raspberry Pi 3 Model B+ is the latest product in the Raspberry Pi 3 range, boasting a 64-bit quad core processor running at 1.4GHz, dual-band 2.4GHz and 5GHz wireless LAN, Bluetooth 4.2/BLE, faster Ethernet, and PoE capability via a separate PoE HAT The dual-band wireless LAN comes with modular compliance certification, allowing the board to be designed into end products with significantly reduced wireless LAN compliance testing, improving both cost and time to market. The Raspberry Pi 3 Model B+ maintains the same mechanical footprint as both the Raspberry Pi 2 Model B and the Raspberry Pi 3 Model B. |