| データシートサーチシステム |
|
SC0749 データシート(PDF) 9 Page - Raspberry Pi Holdings PLC |
|
|
|||||||||||||||||||||||||||||
SC0749 データシート(HTML) 9 Page - Raspberry Pi Holdings PLC |
|
9 / 10 page ![]() Raspberry Pi Build HAT Power Supply – Raspberry Pi (Trading) Ltd 9 Case material UL94V-0 AC pin material Brass (NI plated) DC cord & output plug WARNINGS • This product should be operated in a well-ventilated environment. • The connection of incompatible devices to this power supply may affect compliance, result in damage to the unit and invalidate the warranty. SAFETY INSTRUCTIONS To avoid malfunction or damage to this product please observe the following: • Do not expose to water or moisture, or place on a conductive surface whilst in operation. • Do not expose to heat from any source; this is designed for reliable operation at normal ambient room temperatures. • Do not attempt to open or remove the power supply case. |