データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC1791 データシート(PDF) 2 Page - Raspberry Pi Holdings PLC

部品番号 SC1791
部品情報  Raspberry Pi AI HAT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RASPBERRY-PI [Raspberry Pi Holdings PLC]
ホームページ  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1791 データシート(HTML) 2 Page - Raspberry Pi Holdings PLC

  SC1791 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1791 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1791 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1791 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1791 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1791 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Raspberry Pi AI HAT+ – Raspberry Pi Ltd
Overview
The Raspberry Pi AI HAT+ is an add-on board with a built-in Hailo AI accelerator for
Raspberry Pi 5. It provides an accessible, cost-effective, and power-efficient way to
integrate high-performance AI. Explore applications including process control, security,
home automation, and robotics.
The AI HAT+ is available in 13 and 26 tera-operations per second (TOPS) variants,
built around the Hailo-8L and Hailo-8 neural network inference accelerators. The 13
TOPS variant capably runs neural networks for applications including object detection,
semantic and instance segmentation, pose estimation, and more. The 26 TOPS variant
can handle larger networks, can run them more quickly, and can more effectively run
multiple networks simultaneously.
The AI HAT+ communicates using Raspberry Pi 5’s PCIe Gen 3 interface. When the host
Raspberry Pi 5 is running an up-to-date Raspberry Pi OS image, it automatically detects
the on-board Hailo accelerator and makes the NPU available for AI computing tasks. The
built-in rpicam-apps camera applications in Raspberry Pi OS natively support the AI
module, automatically using the NPU to run compatible post-processing tasks.



Html Pages

1 2 3 4 5 6