| データシートサーチシステム |
|
LS8EQ データシート(PDF) 11 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
LS8EQ データシート(HTML) 11 Page - PANDUIT CORP. |
|
11 / 20 page ![]() 11 visit www.panduit.com/NetKey NK4MFIW NK2RMFIW NK4RMFIW NK4106MFIW NetKey ® Module Frames and Furniture Faceplate NK2106MFIW For standard colors other than Off White, replace IW in part number with EI (Electric Ivory), WH (White), IG (International Gray) or BL (Black). NK2106MFIW Screw mount “106” duplex module frame. Accepts two NetKey® Modules. NK4106MFIW Screw mount “106” duplex module frame. Accepts four NetKey® Modules. NK2RMFIW Screw mount module frame. Accepts two NetKey® Modules. Compatible with standard NEMA outlet boxes and rectangular faceplates. NK4RMFIW Screw mount module frame. Accepts four NetKey® Modules. Compatible with standard NEMA outlet boxes and rectangular faceplates. NK4MFIW Snap on modular furniture faceplate. Accepts four NetKey® Modules. KWPY NetKey ® Phone Plate KWPY Stainless steel wall phone plate accepts one NetKey® Module. KWP3Y Stainless steel wall phone plate supplied with one Category 3 keystone leadframe module. NetKey ® Surface Mount Boxes NK4BXIW-AY NK2BXIW-A NK6BXIW-AY • Accept all NetKey ® Modules • Include mounting screws and adhesive tape • Compatible with Panduit® LD3, LD5, and LD10 Raceway CBM-X For surface mount box standard colors other than IW (Off White), replace suffix with EI (Electric Ivory), IG (International Gray) or WH (White). NK2BXIW-A Surface mount box accepts two NetKey® Modules. NK4BXIW-AY Surface mount box accepts four NetKey® Modules. NK6BXIW-AY Surface mount box accepts six NetKey® Modules. CBM-X Optional magnet for mounting on metal surfaces. Compatible with NK2BXIW-A and NK4BXIW-AY. Wall mount faceplate kits compatible with wall mountable phones with short patch cord connections to the jack module. KWP3Y Part Number Description Part Number Description Part Number Description Color Off White Off White Off White Off White Off White Color Off White Off White Off White — |