| データシートサーチシステム |
|
PEEL22CV10API-10 データシート(PDF) 8 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
PEEL22CV10API-10 データシート(HTML) 8 Page - Anachip Corp |
|
8 / 10 page ![]() Anachip Corp. www.anachip.com.tw Rev. 1.0 Dec 16, 2004 8/10 Table 9. A.C. Electrical Characteristics Over the Operating Range8,11 -1/I-7 -10/I-10 -15/I-15 -25/I-25 Symbol Parameter Min Max Min Max Min Max Min Max Unit tPD Input 5 to non-registered output 7.5 10 15 25 ns tOE Input 5 to output enable6 7.5 10 15 25 ns tOD Input 5 to output disable6 7.5 10 15 25 ns tCO1 Clock to Output 5.5 6 8 15 ns tCO2 Clock to comb. output delay via internal registered feedback 10 12 17 35 ns tCF Clock to Feedback 3.5 4 5 9 ns tSC Input 5 or Feedback Setup to Clock 3 5 8 15 ns tHC Input 5 Hold After Clock 0 0 0 0 ns tCL, tCH Clock Low Time, Click High Time 8 3 4 6 13 ns tCP Min Clock Period Ext(tSC+tCO1) 8.5 11 18 30 ns fMAX1 Internal Feedback (1tSC+tCF) 12 142 111 76.9 41.6 MHz fMAX2 External Feedback (1/tCP) 12 117 909 62.5 33.3 MHz fMAX3 No Feedback (1/tCL+tCH) 12 166 125 83.3 38.4 MHz tAW Asynchronous Reset Pulse Width 7.5 10 15 25 ns tAP Input 5 to Asynchronous Reset 7.5 10 15 25 ns tAR Asynch. Reset recovery time 7.5 10 15 25 ns tRESET Power-on Reset Time for registers in Clear State 5 5 5 5 ns Switching Waveforms Inputs, I/O, Registered Feedback, Synchronous Preset Clock Notes Asynchronous Reset Registered Outputs Combinatorial Outputs 8. Test conditions assume: signal transition times of 3ns or less from the 1. Minimum DC input is -0.5V, however inputs may undershoot to -2.0V for periods less than 20ns. 2. VI and VO are not specified for program/verify operation. 3. Test points for Clock and VCC in tR, tF are referenced at 10% and 90% levels. 4. I/O pins are 0V and 3V. 5. “Input” refers to an Input pin signal. 6. tOE is measured from input transition to VREF ± 0.1V, tOD is measured from input transition to VOH -0.1V or VOL +0.1V; VREF =VL see test loads in Section 5 of the Data Book. 7. Capacitances are tested on a sample basis. 10% and 90% points, timing reference levels of 1.5V (unless otherwise specified). 9. Test one output at a time for a duration of less than 1sec. 10. ICC for a typical application: This parameter is tested with the device programmed as an 8-bit Counter. 11. PEEL™ Device test loads are specified in Section 6 of this Data Book. 12. Parameters are not 100% tested. Specifications are based on initial characterization and are tested after any design or process modifica- tion which may affect operational frequency. 13. Available only for 22CV10A -15/I-15/-25/I-25 grades. |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |