| データシートサーチシステム |
|
74LVC1G06GS データシート(PDF) 13 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC1G06GS データシート(HTML) 13 Page - Nexperia B.V. All rights reserved |
|
13 / 17 page ![]() Nexperia 74LVC1G06 Inverter with open-drain output References Outline version European projection Issue date IEC JEDEC EIAJ SOT1226-3 - - - sot1226-3_po 19-11-06 19-11-07 Unit mm max nom min 0.05 A Dimensions (mm are the original dimensions) SOT1226-3 A1 D 0.25 0.20 0.15 0.20 0.27 0.17 0.22 0.50 0.30 0.20 0.25 0.04 0.00 0.02 A3 0.35 0.30 0.32 Dh E b e K L v 0.1 w y 0.05 0.05 scale 0 1 mm X pin 1 index area (6x) pin 1 index area D E A B e y1 X2SON5: plastic thermal enhanced extremely thin small outline package; no leads; 5 terminals; body 0.8 x 0.8 x 0.32 mm A A1 A3 0.10 (Typ.) 3 5x Seating Plane C y C C y1 b (4x) A C B v C w 2 1 4 5 L (4x) 0.85 0.75 0.80 0.85 0.75 0.80 Fig. 11. Package outline SOT1226-3 (X2SON5) 74LVC1G06 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2024. All rights reserved Product data sheet Rev. 16.1 — 3 September 2024 13 / 17 |