| データシートサーチシステム |
|
74LVC1G07GS データシート(PDF) 16 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74LVC1G07GS データシート(HTML) 16 Page - Nexperia B.V. All rights reserved |
|
16 / 18 page ![]() Nexperia 74LVC1G07 Buffer with open-drain output 13. Abbreviations Table 11. Abbreviations Acronym Description ANSI American National Standards Institute CDM Charged Device Model CMOS Complementary Metal Oxide Semiconductor DUT Device Under Test ESD ElectroStatic Discharge ESDA ElectroStatic Discharge Association HBM Human Body Model JEDEC Joint Electron Device Engineering Council TTL Transistor-Transistor Logic 14. Revision history Table 12. Revision history Document ID Release date Data sheet status Change notice Supersedes 74LVC1G07 v.18 20240923 Product data sheet - 74LVC1G07 v.17 Modifications: • Type number 74LVC1G07GZ (SOT8065-1/XSON5) added. 74LVC1G07 v.17 20230804 Product data sheet - 74LVC1G07 v.16 Modifications: • Section 2: ESD specification updated according to the latest JEDEC standard. 74LVC1G07 v.16 20220203 Product data sheet - 74LVC1G07 v.15 Modifications: • Fig. 6: Package outline drawing for SOT353-1 (TSSOP5) has changed. 74LVC1G07 v.15 20210803 Product data sheet - 74LVC1G07 v.14 Modifications: • Type number 74LVC1G07GF (SOT891/XSON6) removed. • SOT1226 (X2SON5) package changed to SOT1226-3 (X2SON5) package. • Section 1 and Section 2 updated. • Table 5: Derating values for Ptot total power dissipation updated. 74LVC1G07 v.14 20180608 Product data sheet - 74LVC1G07 v.13 Modifications: • Added type number 74LVC1G07GX4 (SOT1269-2) 74LVC1G07 v.13 20170511 Product data sheet - 74LVC1G07 v.12 Modifications: • The format of this data sheet has been redesigned to obey with the identity guidelines of Nexperia. • Legal texts have been adapted to the new company name where applicable. 74LVC1G07 v.12 20161128 Product data sheet - 74LVC1G07 v.11 Modifications: • Table 7: The maximum limits for leakage current and supply current have changed. 74LVC1G07 v.11 20120629 Product data sheet - 74LVC1G07 v.10 Modifications: • Added type number 74LVC1G07GX (SOT1226) • Package outline drawing of SOT886 (Fig. 8) modified. 74LVC1G07 v.10 20111207 Product data sheet - 74LVC1G07 v.9 Modifications: • Legal pages updated. 74LVC1G07 v.9 20100824 Product data sheet - 74LVC1G07 v.8 74LVC1G07 v.8 20070717 Product data sheet - 74LVC1G07 v.7 74LVC1G07 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2024. All rights reserved Product data sheet Rev. 18 — 23 September 2024 16 / 18 |