データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC2G34GS データシート(PDF) 3 Page - Nexperia B.V. All rights reserved

部品番号 74LVC2G34GS
部品情報  Dual buffer gate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G34GS データシート(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC2G34GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G34GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G34GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G34GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G34GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G34GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G34GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G34GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G34GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
74LVC2G34
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 8 — 10 February 2016
3 of 18
NXP Semiconductors
74LVC2G34
Dual buffer gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration SOT363 and SOT457
Fig 5.
Pin configuration SOT886
Fig 6.
Pin configuration SOT891, SOT1115 and
SOT1202
Fig 7.
Pin configuration SOT1255 (X2SON6)
Table 3.
Pin description
Symbol
Pin
Description
1A
1
data input
GND
2
ground (0 V)
2A
3
data input
2Y
4
data output
VCC
5
supply voltage
1Y
6
data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18