| データシートサーチシステム |
|
CDF1963SLG1 データシート(PDF) 2 Page - Hammond Manufacturing Ltd. |
|
|
|||||||||||||||||||||||||||||
CDF1963SLG1 データシート(HTML) 2 Page - Hammond Manufacturing Ltd. |
|
2 / 4 page ![]() Cabinet Fan Tops Side Panel Locking Kit Cabinet Door Replacement Lock Cabinet Baying/Ganging/Joining Kit C2/C3 Bolt Down Kit Door Adapter Rack Mount Kit Door Adapter Cable Entry Kit Shelves Rack Mount Locking Storage Drawer Vertical Cabinet Cable Manager with Door Vertical Cable Tray Cable Lacing Bar Horizontal Lacing Strip Horizontal Hinged Cable Manager Horizontal Ring Cable Manager Cable Management Arm Outlet Strips Mounting Hardware Grounding Rack Panels Caster Set Medium Caster Set Accessories C2 Open Frames Part No. Part No. Overall Dimensions Rack Usable Mounting Dimensions Mounting Rail Options Black RAL 7035 Light Gray Height Width Depth Units Height Depth Tapped 10-32 Square Hole C2F193523BK1 C2F193523LG1 43.16 23.00 23.62 20U 35.06 21.63 CCR35TZPL CPR35SZPL C2F193531BK1 C2F193531LG1 43.16 23.00 31.50 20U 35.06 29.50 CCR35TZPL CPR35SZPL C2F193536BK1 C2F193536LG1 43.16 23.00 36.00 20U 35.06 34.00 CCR35TZPL CPR35SZPL C2F194223BK1 C2F194223LG1 50.16 23.00 23.62 24U 42.06 21.63 CCR42TZPL CPR42SZPL C2F194231BK1 C2F194231LG1 50.16 23.00 31.50 24U 42.06 29.50 CCR42TZPL CPR42SZPL C2F194236BK1 C2F194236LG1 50.16 23.00 36.00 24U 42.06 34.00 CCR42TZPL CPR42SZPL C2F194923BK1 C2F194923LG1 57.16 23.00 23.62 28U 49.06 21.63 CCR49TZPL CPR49SZPL C2F194931BK1 C2F194931LG1 57.16 23.00 31.50 28U 49.06 29.50 CCR49TZPL CPR49SZPL C2F194936BK1 C2F194936LG1 57.16 23.00 36.00 28U 49.06 34.00 CCR49TZPL CPR49SZPL C2F195623BK1 C2F195623LG1 64.16 23.00 23.62 32U 56.06 21.63 CCR56TZPL CPR56SZPL C2F195631BK1 C2F195631LG1 64.16 23.00 31.50 32U 56.06 29.50 CCR56TZPL CPR56SZPL C2F195636BK1 C2F195636LG1 64.16 23.00 36.00 32U 56.06 34.00 CCR56TZPL CPR56SZPL C2F196323BK1 C2F196323LG1 71.16 23.00 23.62 36U 63.06 21.63 CCR63TZPL CPR63SZPL C2F196331BK1 C2F196331LG1 71.16 23.00 31.50 36U 63.06 29.50 CCR63TZPL CPR63SZPL C2F196336BK1 C2F196336LG1 71.16 23.00 36.00 36U 63.06 34.00 CCR63TZPL CPR63SZPL C2F197023BK1 C2F197023LG1 78.16 23.00 23.62 40U 70.06 21.63 CCR70TZPL CPR70SZPL C2F197031BK1 C2F197031LG1 78.16 23.00 31.50 40U 70.06 29.50 CCR70TZPL CPR70SZPL C2F197036BK1 C2F197036LG1 78.16 23.00 36.00 40U 70.06 34.00 CCR70TZPL CPR70SZPL C2F197823BK1 C2F197823LG1 86.91 23.00 23.62 45U 78.81 21.63 CCR78TZPL CPR78SZPL C2F197831BK1 C2F197831LG1 86.91 23.00 31.50 45U 78.81 29.50 CCR78TZPL CPR78SZPL C2F197836BK1 C2F197836LG1 86.91 23.00 36.00 45U 78.81 34.00 CCR78TZPL CPR78SZPL C2F198523BK1 C2F198523LG1 93.91 23.00 23.62 49U 85.81 21.63 CCR85TZPL CPR85SZPL C2F198531BK1 C2F198531LG1 93.91 23.00 31.50 49U 85.81 29.50 CCR85TZPL CPR85SZPL C2F198536BK1 C2F198536LG1 93.91 23.00 36.00 49U 85.81 34.00 CCR85TZPL CPR85SZPL |