データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDP43ME-CASE データシート(PDF) 4 Page - PANDUIT CORP.

部品番号 TDP43ME-CASE
部品情報  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TDP43ME-CASE データシート(HTML) 4 Page - PANDUIT CORP.

  TDP43ME-CASE Datasheet HTML 1Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 2Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 3Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 4Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 5Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 6Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 7Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 8Page - PANDUIT CORP. TDP43ME-CASE Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
4
Turn-Tell® Labels
• Allows labels to rotate for visibility from any angle, and
allows repositioning on the wire/cable to align legends for
improved aesthetics
• Ideal for use in high-density or space-constrained
cable applications
• Use thermal transfer hybrid ribbon
• Temperature range: -40°F to 150°F (-40°C to 66°C)
Part Number
Print-On
Area
Color
Width
Length
Print-On
Area
Height
Min. Cable
O.D.
Max. Cable
O.D.
Wire Range
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
In.
mm
In. mm In.
mm
R050X075V1T
White
0.50 12.7
0.75
19.1
0.25
6.4
0.12 3.1 0.16 4.0
Cat. 6 28 AWG/
18 – 14 AWG
8
5000
R050X125V1T
1.25
31.8
0.38
9.7
0.16 4.1 0.22 5.6 Cat. 3 UTP/12 – 10 AWG
R050X150V1T
1.50
38.1
0.50 12.7 0.22 5.6 0.28 7.1
Cat. 5e UTP/Cat. 6 UTP/
Cat. 6A UTP/Cat. 5e FTP/
10 – 6 AWG
R100X075V1T
1.00 25.4
0.75
19.1
0.25
6.4
0.12 3.1 0.16 4.0
Cat. 6 28 AWG/
18 – 14 AWG
4
2500
R100X125V1T
1.25
31.8
0.38
9.7
0.16 4.1 0.22 5.6 Cat. 3 UTP/12 – 10 AWG
R100X150V1T
1.50
38.1
0.50 12.7 0.22 5.6 0.28 7.1
Cat. 5e UTP/Cat. 6 UTP/
Cat. 6A UTP/
R100X150V2T
TIA Blue
R100X150V3T TIA Green
R100X150V4T
TIA Gray
R100X150V7T
TIA Red
R100X150V8T TIA Yellow
R100X225V1T
White
2.25
57.2
0.75 19.1 0.28 7.1 0.39 9.9
Cat. 6 FTP/Cat. 6 UTP/
Cat. 6A FTP/8-4 AWG
R100X225V2T
TIA Blue
R100X225V3T TIA Green
R100X225V4T
TIA Gray
R100X225V7T
TIA Red
R100X225V8T TIA Yellow
R100X400V1T
White
4.00
101.6 1.00 25.4 0.39 9.9 0.95 24.1
2 – 1 AWG
1000
R150X150V1T
1.50 38.1
1.50
38.1
0.50 12.7 0.22 5.6 0.28 7.1
Cat. 5e UTP/Cat. 6 UTP/
Cat. 6A UTP/Cat. 5e FTP/
10 – 6 AWG
2
R200X150V1T
2.00 50.8
R200X225V1T
2.25
57.2
0.75 19.1 0.28 7.1 0.39 9.9
Cat. 6 FTP/Cat. 6A UTP/
Cat. 6A FTP/8 – 4 AWG
4
R200X400V1T
4.00
101.6 1.00 25.4 0.39 9.9 0.95 24.1
2 – 1 AWG
2
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand (TDP43ME-RS) is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com