| データシートサーチシステム |
|
VMUSIC3 データシート(PDF) 5 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
VMUSIC3 データシート(HTML) 5 Page - Future Technology Devices International Ltd. |
|
5 / 13 page ![]() 5 Copyright © 2013 Future Technology Devices International Limited VMusic3 Version 1.0 Document Reference No.: FT_000738 Clearance No.: FTDI# 336 5 VMusic3 Application Example VMusic3 can be used to play audio from a flash disk. An example is given where a PIC is used to send commands to the VMusic3 select playing option such as play, pause and skip. It is also possible to control the VMusic3 from a PC using a TTL-232R-3V3-2mm and a terminal. See Vinculum Firmware User Manual for details on the control commands. 5.1 UART Interface to PIC Example Figure 5.1 – MP3 playback using VMusic3 controlled by a PIC MCU A VMusic2 compatible example is given in Figure 5.1. This example shows a VMusic3 interfacing with an external PIC MCU and supporting components. In this example four push buttons are used to control play / pause, stop, skip forward / volume up and skip back / volume down of the MP3 player. For more information on this application see VMUSIC SPI PIC Sample on the following web page: http://www.ftdichip.com/Support/SoftwareExamples/VinculumProjects.htm |