データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD501B1 データシート(PDF) 96 Page - STMicroelectronics

部品番号 PSD501B1
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD501B1 データシート(HTML) 96 Page - STMicroelectronics

Back Button PSD501B1 Datasheet HTML 92Page - STMicroelectronics PSD501B1 Datasheet HTML 93Page - STMicroelectronics PSD501B1 Datasheet HTML 94Page - STMicroelectronics PSD501B1 Datasheet HTML 95Page - STMicroelectronics PSD501B1 Datasheet HTML 96Page - STMicroelectronics PSD501B1 Datasheet HTML 97Page - STMicroelectronics PSD501B1 Datasheet HTML 98Page - STMicroelectronics PSD501B1 Datasheet HTML 99Page - STMicroelectronics PSD501B1 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 153 page
background image
PSD5XX Family
93
Port Pin
Alternate Function In
PE3
Timer0_in
PE4
Timer1_in
PE5
Timer2_in
PE6
Timer3_in
I/O – Port A, B, E (Cont.)
Port E:
Timer[3:0] _ inputs can have different control functions such as timer LOAD/STORE and/or
ENABLE/DISABLE, based on how these pins are configured in the Timer Command
Registers.
Table 27.
Counter/Timer
(Cont.)
Port Pin
Special Function Out
PE4
TC0
PE5
TC1
PE6
TC2
PE7
TC3
Table 27a.
The Terminal Counts (TC0 – TC3) generated by each Counter/Timer are available at Port E
(pins PE4 – PE7) as shown in Table 27a.
To Connect TC0 – TC3 to Port E pins, set the corresponding bits in the Special Function
Register to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More