| データシートサーチシステム |
|
BAT854SW データシート(PDF) 3 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
BAT854SW データシート(HTML) 3 Page - Nexperia B.V. All rights reserved |
|
3 / 8 page ![]() 2001 Feb 27 2 NXP Semiconductors Product data sheet Schottky barrier (double) diodes BAT854W series FEATURES • Very low forward voltage • Very low reverse current • Guard ring protected • Very small SMD plastic package. APPLICATIONS • Ultra high-speed switching • Voltage clamping • Protection circuits • Blocking diodes • Low power consumption applications (e.g. hand-held applications). DESCRIPTION Planar Schottky barrier diodes encapsulated in a SOT323 very small SMD plastic package. Single diodes and double diodes with different pinning are available. MARKING PINNING TYPE NUMBER MARKING CODE BAT854W 81 BAT854AW 82 BAT854CW 83 BAT854SW 84 PIN SYMBOL BAT854W 1 a 2 n.c. 3 k BAT854AW 1 k1 2 k2 3 a1,a2 BAT854CW 1 a1 2 a2 3 k1, k2 BAT854SW 1 a1 2 k2 3 k1, a2 handbook, 2 columns 3 12 MBC870 Top view Fig.1 Simplified outline SOT323 and pin configuration. 3 1 2 n.c. MLC357 Fig.2 BAT854W single diode configuration (symbol). 3 12 MLC360 Fig.3 BAT854AW diode configuration (symbol). 3 12 MLC359 Fig.4 BAT854CW diode configuration (symbol). 3 12 MLC358 Fig.5 BAT854SW diode configuration (symbol). |