| データシートサーチシステム |
|
3FTL6RAS データシート(PDF) 3 Page - MEC Marcom Electronic Components Ltd. |
|
|
|||||||||||||||||||||||||||||
3FTL6RAS データシート(HTML) 3 Page - MEC Marcom Electronic Components Ltd. |
|
3 / 8 page ![]() mec . Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . Web: www.mec.dk. . E-mail: danmec@mec.dk unimec technical specifications Low Temperature Versions High Temperature Versions Silver Gold Silver Gold Electrical Specifications Contact resistance Max. 100 m (initially) Insulation resistance >10M Recommended load min. 0.5 mA 0,5 µA 0.5 mA 0,5 µA max. 250 mA - 120 V - 9W AC - 6W DC Max. current in non switching state 0.5 A Contact bounce Max. 10ms Dielectric strength between adjacent contacts 1000 V for 2 min. Insulation resistance between adjacent contacts 5 X 1013 Capacitance between adjacent contacts 0.5 pF Mechanical Specifications Standard actuation force (switch) typ 2.5N Max. actuation force without cap 100N for 10 sec. Key travel (switch) 1.8 mm Life time Momentary 1.500.000 cycles Momentary >10.000.000 cycles Alternate 500.000 cycles Alternate 5.000.000 cycles Temperature Range Working temperature Min. -40ºC Max. +75ºC Min. -40ºC Max. +160ºC Storage temperature Min. -65ºC Max. +85ºC Min. -65ºC Max. +160ºC Soldering IEC 68-2-20 Wave - max. 260ºC for max. 10 sec., please refer to usage guidelines Soldering iron - max. 350ºC for max. 3 sec. Flux tight. Environmental Endurance IEC 68-2-3 Temperature +40ºC Humidity 93% RH Duration 56 Days Sealing IEC 529 IP-54 Cleaning Standard methods such as freon, water and soap (not immersed) Material Specifications - Switches Housing and actuator Glass fiber filled Polycarbonate UL94V1 PPS UL94V0 Switch spring Stainless steel Key spring Stainless steel Latch pin Stainless steel Fixed contact SnCu + 2 µNi + 3µAg SnCu + 2 µNi + 3µAu SnCu + 2 µNi + 3µAg SnCu + 2 µNi + 3µAu Moving contact Stainless steel + 3 µAg Stainless steel + 3µAg+1µAu Contact lubricant Special protective lubricant Klüber Barrierta I EL Fluid Material Specifications - Caps & Bezels ABS (standard) UL94HB Temperature limit Max. +65ºC Specifications are subject to change without notice Stainless steel + 3 µAg Stainless steel + 3µAg+1µAu unimec LEDs *** IF = 50mA ** Pulse width 1ms Duty cycle 1:5 **** Luminous Flux mlm Part Nos. 16920/16921 16922 16923 16924 Colour (G = Green, Y = Yellow, R = Red) G Y R G Y R G Y R G Y R Absolute Maximum Ratings (Ta=25ºC) Power mW 100 100 100 135 135 135 70 60 60 300 300 300 Current forward mA 30 30 30 30 30 30 20 20 20 75 90 90 Forward peak current mA 50 50 50 90 90 90 60** 60** 60** 2 2.5 2.5 Voltage reverse V 5 5 5 5 5 5 3 3 3 5 5 5 Operating temperature -25 - +100 -55 - +100 -25 ~ +85 -55 ~ +100 Storage temperature -25 - +100 -55 - +100 -30 ~ +100 -55 ~ +100 Soldering temperature + 245 for max. 3 sec. +300 for max. 3 sec. 260 for max. 5 sec. 300 for max. 3 sec. Electrical-Optical Characteristics (Ta=25ºC) Voltage forward Typ. V 2.0 2.0 2.0 2.1 2.2 2.3 2.1 2.1 2.0 2.4*** 2.4*** 2.4*** Max. V 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.8*** 3.8*** 3.8*** Current reverse µA 100 100 100 100 100 100 10 10 10 10 10 10 Wave length nm 560 590 660 565 585 635 563 585 650 565 586 635 Spread ∅nm 10 10 10 10 10 10 40 40 40 25 45 45 Spread angle degree 20 20 20 45 45 45 45 45 45 55 30 55 Luminous Intensity Min. mcd 1 1 0.8 1.5 2.5 2.5 9.0 5.6 5.6 100**** 100**** 100**** Typ. mcd 2 3 1.6 2.5 3.0 5.0 25 16 16 160**** 160**** 160**** Orientation The longer pin is the anode, the shor ter is the cathode. Colour Codes 02 04 08 02 04 08 20 40 80 22 44 88 Tampon Printing According to ISO Class.: 1/ ASTM Class.: 4B ºC ºC ºC |