データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD511B1 データシート(PDF) 11 Page - STMicroelectronics

部品番号 PSD511B1
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD511B1 データシート(HTML) 11 Page - STMicroelectronics

Back Button PSD511B1 Datasheet HTML 7Page - STMicroelectronics PSD511B1 Datasheet HTML 8Page - STMicroelectronics PSD511B1 Datasheet HTML 9Page - STMicroelectronics PSD511B1 Datasheet HTML 10Page - STMicroelectronics PSD511B1 Datasheet HTML 11Page - STMicroelectronics PSD511B1 Datasheet HTML 12Page - STMicroelectronics PSD511B1 Datasheet HTML 13Page - STMicroelectronics PSD511B1 Datasheet HTML 14Page - STMicroelectronics PSD511B1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 153 page
background image
PSD5XX Family
8
7.0
PSD5XX
Family
There are 7 unique devices in the PSD5XX family. The part classifications are based on
EPROM size and data bus width. The features of each part are listed in Table 1.
Part
Bus
DPLD + GPLD + PPLD
I/O Timers
Inter.
WD
* PMU EPROM SRAM
#
Bit
Inputs Product Registered Pins
Contr.
K bit
K bit
Terms
Macrocells
501B1 x8/x16
61
140
30
40
4 * 16
8
1 * 16
Yes
256
16
511B1
x8
61
140
30
40
4 * 16
8
1 * 16
Yes
256
16
502B1 x8/x16
61
140
30
40
4 * 16
8
1 * 16
Yes
512
16
512B0
x8
61
140
30
40
4 * 16
8
1 * 16
Yes
512
–
512B1
x8
61
140
30
40
4 * 16
8
1 * 16
Yes
512
16
503B1 x8/x16
61
140
30
40
4 * 16
8
1 * 16
Yes
1024
16
513B1
x8
61
140
30
40
4 * 16
8
1 * 16
Yes
1024
16
Table 1. PSD5XX Product Matrix
WD
= WatchDog Timer.
PMU = Power Management Unit.
*One of the four 16-Bit Timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More