データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD512B0 データシート(PDF) 95 Page - STMicroelectronics

部品番号 PSD512B0
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD512B0 データシート(HTML) 95 Page - STMicroelectronics

Back Button PSD512B0 Datasheet HTML 91Page - STMicroelectronics PSD512B0 Datasheet HTML 92Page - STMicroelectronics PSD512B0 Datasheet HTML 93Page - STMicroelectronics PSD512B0 Datasheet HTML 94Page - STMicroelectronics PSD512B0 Datasheet HTML 95Page - STMicroelectronics PSD512B0 Datasheet HTML 96Page - STMicroelectronics PSD512B0 Datasheet HTML 97Page - STMicroelectronics PSD512B0 Datasheet HTML 98Page - STMicroelectronics PSD512B0 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 153 page
background image
PSD5XX Family
92
Counter/Timer
(Cont.)
9.6.2.11 I/O – Port A, B, E
Ports A, B and E have the capabilities for counter/timer alternate and special functions,
e.g. Counter/Timer out, load/store, enable/disable, etc. Refer also to the chapter on I/O
ports for further details.
Table 25.
Port Pin
Special Function Out
PA0
Timer0_out
PA1
Timer1_out
PA2
Timer2_out
PA3
Timer3_out
Port Pin
Special Function Out
PB0
Timer0_out
PB1
Timer1_out (in Pulse Mode Only)
PB2
Timer2_out
PB3
Timer3_out (in Pulse Mode Only)
Special Function Assignment
Port A:
Timer outputs in Pulse or Waveform modes can be tapped out of these pins: PA0 – PA3.
In order for the following timer outputs to drive their corresponding port pins, set the
respective bits in the Special Function Register of Port A to ones.
Table 26.
Port B:
Timer outputs in Pulse or Waveform modes can be tapped out of these pins: PB0 – PB3.
In order for the following timer outputs to drive their corresponding port pins, set the
respective bits in the Special Function Register of Port B to ones.
The decision which of Port A or B pins are used as timer outputs is done by the
PSDsoft fitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More