| データシートサーチシステム |
|
LSF0102DC データシート(PDF) 12 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0102DC データシート(HTML) 12 Page - Nexperia B.V. All rights reserved |
|
12 / 14 page ![]() Nexperia LSF0102; LSF0202 2-bit bidirectional multi-voltage level translator; open-drain; push-pull 14. Abbreviations Table 10. Abbreviations Acronym Description ANSI American National Standards Institute CDM Charged Device Model ESD ElectroStatic Discharge ESDA ElectroStatic Discharge Association GPIO General Purpose Input/Output HBM Human Body Model I2c Inter-Integrated Circuit JEDEC Joint Electron Device Engineering Council MDIO Management Data Input/Output PCB Printed Circuit Board PRR Pulse Rate Repetition PMBus Power Management Bus SDIO Secure Digital Input/Output SMBus System Management Bus TTL Transistor-Transistor Logic UART Universal Asynchronous Receiver-Transmitter 15. Revision history Table 11. Revision history Document ID Release date Data sheet status Change notice Supersedes LSF0102_0202 v.5 20240624 Product data sheet - LSF0102 v.4 Modifications: • Type numbers LSF0202DC (SOT765-1/VSSOP8) and LSF0202GS (SOT1203/XSON8) added. LSF0102 v.4 20231128 Product data sheet - LSF0102 v.3 Modifications: • Section 2: up- and down-translation typo corrected. LSF0102 v.3 20200904 Product data sheet - LSF0102 v.2 Modifications: • Type number LSF0102DC (SOT765-1/VSSOP8) added. LSF0102 v.2 20200818 Product data sheet - LSF0102 v.1 Modifications: • LSF0102GS (SOT1203/XSON8) and LSF0102GX (SOT1233-2/X2SON8) are in production. Removed note from ordering information . • Type number LSF0102DC (SOT765-1/VSSOP8) is in development and removed from this product data sheet. A preliminary data sheet is available upon request. LSF0102 v.1 20200414 Product data sheet - - LSF0102_0202 All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2024. All rights reserved Product data sheet Rev. 5 — 24 June 2024 12 / 14 |