データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M95020-RBN3G データシート(PDF) 15 Page - STMicroelectronics

部品番号 M95020-RBN3G
部品情報  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-RBN3G データシート(HTML) 15 Page - STMicroelectronics

Back Button M95020-RBN3G Datasheet HTML 11Page - STMicroelectronics M95020-RBN3G Datasheet HTML 12Page - STMicroelectronics M95020-RBN3G Datasheet HTML 13Page - STMicroelectronics M95020-RBN3G Datasheet HTML 14Page - STMicroelectronics M95020-RBN3G Datasheet HTML 15Page - STMicroelectronics M95020-RBN3G Datasheet HTML 16Page - STMicroelectronics M95020-RBN3G Datasheet HTML 17Page - STMicroelectronics M95020-RBN3G Datasheet HTML 18Page - STMicroelectronics M95020-RBN3G Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
15/37
M95040, M95020, M95010
Write Status Register (WRSR)
This instruction has no effect on bits b7, b6, b5, b4,
b1 and b0 of the Status Register.
As shown in Figure 11., to send this instruction to
the device, Chip Select (S) is first driven Low. The
bits of the instruction byte and data byte are then
shifted in on Serial Data Input (D).
The instruction is terminated by driving Chip Se-
lect (S) High. Chip Select (S) must be driven High
after the rising edge of Serial Clock (C) that latch-
es the eighth bit of the data byte, and before the
the next rising edge of Serial Clock (C). If this con-
dition is not met, the Write Status Register
(WRSR) instruction is not executed. The self-
timed Write Cycle starts, and continues for a peri-
od tW (as specified in Table 18. to Table 22.), at
the end of which the Write in Progress (WIP) bit is
reset to 0.
The instruction is not accepted, and is not execut-
ed, under the following conditions:
–
if the Write Enable Latch (WEL) bit has not
been set to 1 (by executing a Write Enable
instruction just before)
–
if a Write Cycle is already in progress
–
if the device has not been deselected, by Chip
Select (S) being driven High, after the eighth
bit, b0, of the data byte has been latched in
–
if Write Protect (W) is Low.
Figure 11. Write Status Register (WRSR) Sequence
C
D
AI01445B
S
Q
2
1
3456789 10 11 12 13 14 15
High Impedance
Instruction
Status
Register In
0
765432
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37