データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DT1384 データシート(PDF) 69 Page - OSRAM GmbH

部品番号 DT1384
部品情報  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DT1384 データシート(HTML) 69 Page - OSRAM GmbH

Back Button DT1384 Datasheet HTML 65Page - OSRAM GmbH DT1384 Datasheet HTML 66Page - OSRAM GmbH DT1384 Datasheet HTML 67Page - OSRAM GmbH DT1384 Datasheet HTML 68Page - OSRAM GmbH DT1384 Datasheet HTML 69Page - OSRAM GmbH DT1384 Datasheet HTML 70Page - OSRAM GmbH DT1384 Datasheet HTML 71Page - OSRAM GmbH DT1384 Datasheet HTML 72Page - OSRAM GmbH DT1384 Datasheet HTML 73Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
68
8. OSRAM DULUX® and the environment
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
8
OSRAM DULUX®
and the
environment
8.1
Contents
8.2
Waste disposal
Like all discharge lamps, OSRAM DULUX® lamps are sealed systems if used as prescri-
bed. Therefore they do not have any effect on the environment apart from emitting light.
The most important substance in discharge lamps as far as the environment is concer-
ned is mercury. Discharge lamps must contain some mercury in order to generate light.
By using a patented dosing procedure, OSRAM has succeeded in reducing the amount
of mercury in most models to the currently minimum needed to guarantee reliable ope-
ration of around 3 mg per lamp.
WEEE (Waste Electrical and Electronic Equipment) regulations state that in Europe by
July 1, 2005 all old electrical equipment including failed discharge lamps must be sent
for proper recycling. For private consumers this means that they will have to hand the
old lamps in to local recycling centres free of charge.
In the B2B sector (Business to Business), discharge lamps with mercury residue qualify
as waste requiring special supervision (special waste code) with a corresponding duty
to dispose of them carefully. This applies for example to mercury vapour lamps and
(compact) fluorescent lamps.
In Germany this is, today, regulated by the „Kreislaufwirtschaftsgesetz“ and it’s
legislation.
All the above-mentioned lamps affected by the WEEE regulations have a
symbol on the packaging showing a dustbin with a line through it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82