| データシートサーチシステム |
|
35482 データシート(PDF) 3 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
35482 データシート(HTML) 3 Page - Wiha Tools |
|
3 / 40 page ![]() 3803 02-020 Magazine bit holder LiftUp 25, magnetic 1/4´´. Blade: High grade chrome-vanadium steel, through hardened. Handle: Ergonomic Wiha SoftFinish® multi-component handle with roll-off protection. Bit holder: Of stainless steel, with powerful Neodym magnet. Suitable for: DIN 3126, ISO 1173, style D 6.3. Bits: 25 mm Standard bits. Application: The alternative to a screwdriver set. Compact storage for 12 bits in the handle. Extra: For hand and machine operation. Ord.No. 38600 5 Ord.No. Quantity 01623 1 4,5 25 0,6 01626 1 6,5 25 1,2 01657 1 25 PH1 01658 1 25 PH2 01659 1 25 PH3 01688 1 25 PZ1 01689 1 25 PZ2 01690 1 25 PZ3 01717 1 25 T15 01718 1 25 T20 01719 1 25 T25 01721 1 25 T30 All prices are quoted net/pc. Page 3 of 40 |