データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FG-R14-6A データシート(PDF) 2 Page - Kemet Corporation

部品番号 FG-R14-6A
部品情報  Fluxgate-Based Residual Current Sensor, FG-R14 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

FG-R14-6A データシート(HTML) 2 Page - Kemet Corporation

  FG-R14-6A Datasheet HTML 1Page - Kemet Corporation FG-R14-6A Datasheet HTML 2Page - Kemet Corporation FG-R14-6A Datasheet HTML 3Page - Kemet Corporation FG-R14-6A Datasheet HTML 4Page - Kemet Corporation FG-R14-6A Datasheet HTML 5Page - Kemet Corporation FG-R14-6A Datasheet HTML 6Page - Kemet Corporation FG-R14-6A Datasheet HTML 7Page - Kemet Corporation FG-R14-6A Datasheet HTML 8Page - Kemet Corporation FG-R14-6A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
© KEMET Electronics Corporation • One East Broward Boulevard
SE0227_FG-R14 • 1/27/2025
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Current Sensors – Fluxgate-Based Residual Current Sensor, FG-R04 Series
Dimensions in mm
2.5
8.0
0.55
P1.8×5=9.0
2- 1.0
PIN
8- 2.5
BUSBAR
22.0
0
10.8
21.6
32.4
10
16
14
13
12
11
9
15
7
8
1 2 3 4 5 6
6-0.4×0.25
13.0
27.3
38.0
SIGNAL PIN
Pin Number
Symbol
FG-R14-6A, FG-R14-6B
1
VDD
2
GND
3
AOUT
4
DC Fault
5
AC Fault
6
TEST
7-8
Dummy
9-16
Busbar for Primary Wires



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13