| データシートサーチシステム |
|
PIMP31PAS-Q データシート(PDF) 3 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PIMP31PAS-Q データシート(HTML) 3 Page - Nexperia B.V. All rights reserved |
|
3 / 14 page ![]() Nexperia PIMP31PAS-Q 50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ 8. Limiting values Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit Per transistor VCBO collector-base voltage open emitter - -50 V VCEO collector-emitter voltage open base - -50 V VEBO emitter-base voltage open collector - -5 V VI input voltage -10 5 V IO output current - -500 mA [1] - 360 mW [2] - 550 mW [3] - 510 mW Ptot total power dissipation Tamb ≤ 25 °C [4] - 730 mW Per device Tamb ≤ 25 °C [1] - 500 mW [2] - 750 mW [3] - 700 mW Ptot total power dissipation [4] - 1 W Tj junction temperature - 150 °C Tamb ambient temperature -55 150 °C Tstg storage temperature -65 150 °C [1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided, 35 µm copper, tin-plated and standard footprint. [2] Device mounted on an FR4 PCB, single-sided, 35μm copper, tin-plated; mounting pad for collector 1 cm2. [3] Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint. [4] Device mounted on an FR4 PCB, 4-layer copper, tin-plated; mounting pad for collector 1 cm2. Tamb (°C) -75 175 125 25 75 -25 aaa-037263 0.4 0.8 1.2 Ptot (W) 0 (1) (2) (3) (4) (1) FR4 PCB, 4-layer copper, 1 cm2 (2) FR4 PCB, single-sided, 35μm copper, 1 cm2 (3) FR4 PCB, 4-layer copper, standard footprint (4) FR4 PCB, single-sided, 35μm copper, standard footprint Fig. 1. Per device: Power derating curves for DFN2020D-6 (SOT1118D) PIMP31PAS-Q All information provided in this document is subject to legal disclaimers. © Nexperia B.V. 2023. All rights reserved Product data sheet 1 September 2023 3 / 14 |