| データシートサーチシステム |
|
602012 データシート(PDF) 2 Page - Lapp. |
|
|
|||||||||||||||||||||||||||||
602012 データシート(HTML) 2 Page - Lapp. |
|
2 / 2 page ![]() 800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com 31 ÖLFLEX® Flexible Power & Control Cable Recommended SKINTOP® assumes minimal OD variance. Additional configurations are available; please see our SKINTOP® section. If not otherwise specified, all values relating to the product are nominal values. For current information go to our website. UL/CSA PVC Cable ÖLFLEX® 190 ÖLFLEX® 190 CY Part Number Number of Conductors (incl. ground) Nominal Outer Diameter Copper Weight Approx. Weight SKINTOP® Non-Metallic PG Thread (in) (mm) (lbs/mft) (lbs/mft) 20 AWG (0.50 mm²) 602002** 2 0.253 6.4 7 40 S1109 602003 3 0.265 6.7 10 42 S1109 602004 4 0.285 7.2 13 51 S1111 602005 5 0.308 7.8 17 60 S1111 602007 7 0.331 8.4 23 82 S1111 602009 9 0.409 10.4 30 100 S1113 602012 12 0.421 10.7 39 168 S1113 602018 18 0.487 12.4 59 198 S1116 602025 25 0.586 14.9 82 242 S1121 18 AWG (1.00 mm²) 601802** 2 0.277 7.0 13 42 S1111 601803 3 0.291 7.4 20 44 S1111 601803NG 3 0.291 7.4 20 44 S1111 601804 4 0.314 8.0 26 55 S1111 601805 5 0.340 8.6 33 64 S1111 601807 7 0.367 9.3 46 84 S1111 601809 9 0.454 11.5 59 119 S1113 601812 12 0.471 12.0 79 141 S1116 601818 18 0.579 14.7 118 207 S1121 601825 25 0.656 16.7 164 278 S1121 601834 34 0.937 23.8 206 575 S1129 621834* 34 0.783 19.9 232 475 S1129 601841 41 1.041 26.4 250 680 S1136 621841* 41 0.846 21.5 289 541 S1129 601850 50 1.092 27.7 305 825 S1136 621850* 50 0.961 24.4 336 697 S1129 16 AWG (1.50 mm²) 601602** 2 0.303 7.7 20 57 S1111 601603 3 0.319 8.1 29 62 S1111 601604 4 0.345 8.8 39 75 S1111 601605 5 0.375 9.5 49 90 S1111 601607 7 0.406 10.3 68 121 S1113 601609 9 0.509 12.9 88 174 S1116 601612 12 0.557 14.1 112 209 S1121 601618 18 0.644 16.4 175 298 S1121 601625 25 0.733 18.6 242 417 S1129 601634 34 1.020 25.9 296 760 S1136 621634* 34 0.925 23.5 339 652 S1129 601641 41 1.101 28.0 357 875 S1136 Part Number Number of Conductors (incl. ground) Nominal Outer Diameter Copper Weight Approx. Weight SKINTOP® Non-Metallic PG Thread (in) (mm) (lbs/mft) (lbs/mft) 621641* 41 0.988 25.1 407 768 S1136 601650 50 1.192 30.3 437 1020 S1136 621650* 50 1.079 27.4 504 911 S1136 601661 61 1.265 32.1 530 1180 S1248 621661* 61 1.142 29.0 591 1036 S1136 14 AWG (2.50 mm²) 601402** 2 0.337 8.6 33 88 S1111 601403 3 0.356 9.0 49 93 S1111 601404 4 0.386 9.8 65 121 S1113 601405 5 0.421 10.7 81 145 S1113 601407 7 0.457 11.6 113 192 S1113 601409 9 0.609 15.5 145 317 S1121 601412 12 0.628 16.0 194 401 S1121 601418 18 0.729 18.5 290 575 S1129 601425 25 0.872 22.1 404 860 S1129 12 AWG (4 mm²) 601203 3 0.417 10.6 78 156 S1113 601204 4 0.454 11.5 104 198 S1113 601205 5 0.497 12.6 129 238 S1116 601207 7 0.573 14.6 181 363 S1121 601211 11 0.745 18.9 284 397 S1129 10 AWG (6 mm²) 601003 3 0.492 12.5 116 223 S1116 601004 4 0.570 14.5 155 267 S1121 601005 5 0.623 15.8 194 322 S1121 8 AWG (10 mm²) 600804 4 0.695 17.7 258 436 S1129 600805 5 0.764 19.4 323 525 S1129 6 AWG (16 mm²) 600604 4 0.870 22.1 413 699 S1129 600605 5 0.955 24.3 516 842 S1129 4 AWG (25 mm²) 600404† 4 1.118 28.4 515 950 S1136 620404* 4 0.976 24.8 646 863 S1136 600405† 5 1.228 31.2 645 1200 S1248 620405* 5 1.094 27.8 807 1105 S1136 2 AWG (35 mm²) 600204† 4 1.292 32.8 876 1405 S1248 620204* 4 1.091 27.7 904 1165 S1136 600205† 5 1.422 36.1 1129 1752 S1142 Part Number Number of Conductors (incl. ground) Nominal Outer Diameter Copper Weight Approx. Weight SKINTOP® MS-SC PG Thread (in) (mm) (lbs/mft) (lbs/mft) 20 AWG (0.50 mm²) 602002CY** 2 0.329 8.4 25 66 53112220 602003CY 3 0.341 8.7 30 82 53112220 602004CY 4 0.361 9.2 35 88 53112220 602005CY 5 0.384 9.8 41 99 53112230 602007CY 7 0.407 10.3 51 112 53112230 602012CY 12 0.497 12.6 73 181 53112240 602025CY 25 0.678 17.2 139 295 53112260 18 AWG (1.00 mm²) 601802CY** 2 0.353 9.0 28 75 53112220 601803CY 3 0.367 9.3 40 82 53112230 601804CY 4 0.390 9.9 48 106 53112230 601805CY 5 0.416 10.6 57 123 53112230 601807CY 7 0.443 11.3 94 139 53112240 601812CY 12 0.586 14.9 153 229 53112250 601818CY 18 0.678 17.2 216 317 53112260 601825CY 25 0.764 19.4 226 436 53112260 16 AWG (1.50 mm²) 601603CY 3 0.395 10.0 52 115 53112230 601604CY 4 0.421 10.7 66 128 53112230 601605CY 5 0.451 11.5 76 150 53112240 601607CY 7 0.482 12.2 98 181 53112240 601612CY 12 0.656 16.7 167 311 53112250 601618CY 18 0.743 18.9 235 456 53112260 601625CY 25 0.897 22.8 313 639 53112260 Part Number Number of Conductors (incl. ground) Nominal Outer Diameter Copper Weight Approx. Weight SKINTOP® MS-SC PG Thread (in) (mm) (lbs/mft) (lbs/mft) 14 AWG (2.50 mm²) 601403CY 3 0.432 11.0 75 148 53112230 601404CY 4 0.462 11.7 93 181 53112240 601405CY 5 0.497 12.6 115 218 53112240 601407CY 7 0.572 14.5 147 282 53112250 601412CY 12 0.736 18.7 253 516 53112260 601418CY 18 0.905 23.0 361 741 53112260 12 AWG (4 mm²) 601203CY 3 0.500 12.7 124 227 53112240 601204CY 4 0.585 14.9 154 311 53112250 601205CY 5 0.628 16.0 180 359 53112250 601207CY 7 0.672 17.1 234 494 53112260 10 AWG (6 mm²) 601003CY 3 0.623 15.8 164 311 53112250 601004CY 4 0.669 17.0 208 386 53112250 601005CY 5 0.731 18.6 255 474 53112260 601007CY 7 0.786 20.0 335 639 53112260 8 AWG (10 mm²) 600804CY 4 0.803 20.4 324 574 53112260 6 AWG (16 mm²) 600604CY 4 0.994 25.2 494 1115 53112270 4 AWG (25 mm²) 620404CY* 4 1.133 28.8 777 1153 53112270 2 AWG (35 mm²) 620204CY* 4 1.247 31.7 1051 1987 53112270 * Part numbers are not MTW ** 2c cable does not include ground * Part numbers are not MTW ** 2c cable does not include ground † 4 AWG cable is built with 21 mm² cross-section. 2 AWG cable is built with 33.7 mm² cross-section |