| データシートサーチシステム |
|
NRF52810-QFAA-R7 データシート(PDF) 39 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R7 データシート(HTML) 39 Page - Nordic Semiconductor |
|
39 / 483 page ![]() Core components 4.5.1.24 NRFHW[8] Address offset: 0x070 Reserved for Nordic hardware design Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW NRFHW Reserved for Nordic hardware design 4.5.1.25 NRFHW[9] Address offset: 0x074 Reserved for Nordic hardware design Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW NRFHW Reserved for Nordic hardware design 4.5.1.26 NRFHW[10] Address offset: 0x078 Reserved for Nordic hardware design Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW NRFHW Reserved for Nordic hardware design 4.5.1.27 NRFHW[11] Address offset: 0x07C Reserved for Nordic hardware design Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW NRFHW Reserved for Nordic hardware design 4.5.1.28 CUSTOMER[0] Address offset: 0x080 Reserved for customer 4430_161 v1.0 39 |