| データシートサーチシステム |
|
NRF52810-QCAA-R データシート(PDF) 12 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R データシート(HTML) 12 Page - Nordic Semiconductor |
|
12 / 483 page ![]() About this document Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id D D D D C C C B A A Reset 0x00050002 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 Id RW Field Value Id Value Description B RW FIELD_B Example of a deprecated field Deprecated Disabled 0 The override feature is disabled Enabled 1 The override feature is enabled C RW FIELD_C Example of a field with a valid range of values ValidRange [2..7] Example of allowed values for this field D RW FIELD_D Example of a field with no restriction on the values 4430_161 v1.0 12 |