| データシートサーチシステム |
|
NRF52811-QCAA-R データシート(PDF) 67 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R データシート(HTML) 67 Page - Nordic Semiconductor |
|
67 / 444 page ![]() Power and clock management Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_HFCLKSTOP Stop HFCLK crystal oscillator Trigger 1 Trigger task 5.4.3.3 TASKS_LFCLKSTART Address offset: 0x008 Start LFCLK source Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_LFCLKSTART Start LFCLK source Trigger 1 Trigger task 5.4.3.4 TASKS_LFCLKSTOP Address offset: 0x00C Stop LFCLK source Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_LFCLKSTOP Stop LFCLK source Trigger 1 Trigger task 5.4.3.5 TASKS_CAL Address offset: 0x010 Start calibration of LFRC oscillator Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_CAL Start calibration of LFRC oscillator Trigger 1 Trigger task 5.4.3.6 TASKS_CTSTART Address offset: 0x014 Start calibration timer 4454_140 v1.0 67 |