| データシートサーチシステム |
|
NRF7002-QFAA-R7 データシート(PDF) 49 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF7002-QFAA-R7 データシート(HTML) 49 Page - Nordic Semiconductor |
|
49 / 61 page ![]() Ordering information Abbreviation Definition and implemented codes N70/nRF70 nRF70 series product 02 Part code <PP> Package variant code <VV> Function variant code <H><P><F> Build code H - Hardware version code P - Production configuration code (production site, etc.) F - Firmware version code (only visible on shipping container label) <YY><WW><LL> Tracking code YY - Year code WW - Assembly week number LL - Wafer lot code <CC> Container code Table 20: Abbreviations 15.4 Code ranges and values The following tables define the nRF7002 code ranges and values. <PP> Package Size (mm) Pin/Ball count Pitch (mm) QF QFN 6 x 6 48 0.4 Table 21: Package variant codes <VV> Variant AA Base functionality Table 22: Function variant codes <H> Description [A . . Z] Hardware version/revision identifier (incremental) Table 23: Hardware version codes 4486_184 v1.0 49 |