| データシートサーチシステム |
|
SO692 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SO692 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() SO692 SMALL SIGNAL PNP TRANSISTOR s SILICON EPITAXIAL PLANAR PNP TRANSISTORS s MINIATURE PLASTIC PACKAGE FOR APPLICATION IN SURFACE MOUNTING CIRCUITS s HIGH VOLTAGE TRANSISTOR FOR VIDEO AMPLIFIER s NPN COMPLEMENT IS SO642 INTERNAL SCHEMATIC DIAGRAM March 1996 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collect or-Base Voltage (IE = 0) -300 V VCEO Collect or-Emitt er Voltage (IB = 0) -300 V VEBO Emitt er-Base Voltage (IC =0) -5 V IC Collect or Current -0. 1 A ICM Collect or Peak Current -0. 3 A Ptot Total Dissipation at Tc =25 oC310 mW Tstg St orage Temperature -65 t o 150 oC Tj Max. Operating Junction Temperature 150 oC 1 2 3 SOT-23 Type Marking SO 692 P39 1/4 |
同様の部品番号 - SO692 |
|
同様の説明 - SO692 |