データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HB2000ES データシート(PDF) 16 Page - NXP Semiconductors

部品番号 HB2000ES
部品情報  evaluation board
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HB2000ES データシート(HTML) 16 Page - NXP Semiconductors

Back Button HB2000ES Datasheet HTML 12Page - NXP Semiconductors HB2000ES Datasheet HTML 13Page - NXP Semiconductors HB2000ES Datasheet HTML 14Page - NXP Semiconductors HB2000ES Datasheet HTML 15Page - NXP Semiconductors HB2000ES Datasheet HTML 16Page - NXP Semiconductors HB2000ES Datasheet HTML 17Page - NXP Semiconductors HB2000ES Datasheet HTML 18Page - NXP Semiconductors HB2000ES Datasheet HTML 19Page - NXP Semiconductors HB2000ES Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
NXP Semiconductors
KTFRDMHB2000ESEVMUG
FRDM-HB2000ESEVM evaluation board
KTFRDMHB2000ESEVMUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2 — 11 June 2018
16 / 34
5.1 Connecting the FRDM-KL25Z to the board
The FRDM-KL25Z evaluation board was chosen specifically to work with the
FRDM‑HB2000ESEVM kit because of its low cost and features. The FRDM-KL25Z board
uses the USB, built-in LEDs, and I/O ports available with NXPs Kinetis KL2x family of
microcontrollers.
The FRDM-KL25Z connects to a PC through a USB port, which permits the user to
interact with the motor driver per the evaluation board inputs. The FRDM-KL25Z also
monitors the SPI registers, by that facilitating the use of safety and advanced diagnostic
functions.
The FRDM-HB2000ESEVM connects to the FRDM-KL25Z using the four dual row
Arduino R3 connectors on the bottom of the board (see Table 9, Figure 11, and
Figure 12). The board contains GPIO and SPI pin inputs to control and operate a
brushed DC motor.
Figure 11. Connecting the FRDM-HB2000ESEVM to the FRDM-KL25Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34