| データシートサーチシステム |
|
FXLS8962AF データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS8962AF データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 9 page ![]() NXP Semiconductors UM11588 Introduction to FRDM-K22F-AGMP03 sensor toolbox development kit • FXLS8962AF: 3-axis digital accelerometer • MPL3115: digital pressure/altimeter sensor • FXAS21002C: 3-axis digital angular rate gyroscope (no longer manufactured) • MAG3110: 3-axis digital magnetometer (no longer manufactured) The FRDM-K22F-AGMP03 board enables quick customer evaluation of FXLS896xAF using sensor toolbox enablement SW and tools. Refer to section 2.3 of the FRDM-K22F-AGMP03 Getting Started document to get more details on board components. 4.2 Features • Sensor toolbox development kit with a variety of sensors and compatible software tools for NXP’s 10-axis sensor solution • Sensor evaluation and development kit for FXLS896xAF • Enables quick sensor evaluation and helps accelerate quick prototyping and development using NXP sensors • Compatible with Arduino® and most NXP Freedom development boards • Allows evaluation of current consumption and pin voltage characteristics • Supports I2C and SPI communication interface with host MCU • Supports hardware configurability to switch between accelerometer mode (normal vs. motion detect) and I2C/SPI interface mode • Has multiple test points on the board 4.3 Board functions The combination of a multi-sensor shield development board and a freedom development MCU board enables a complete solution for quick sensor evaluation, prototyping and development using a sensor toolbox development ecosystem. The FRDM-STBC-AGMP03 has been designed to be fully Arduino I/O header compatible and optimized for the operating conditions. The FRDM-STBC-AGMP03 sensor shield board gets powered up by a FRDM-K22F MCU board by stacking the shield board on top of the MCU board using the Arduino I/O headers. See Figure 1. The FRDM-K22F- AGMP03 gets power by connecting the Sensor Demonstration Kit to the PC via the USB cable. Plug the cable in the OpenSDA USB port on the board and the USB connector on the PC. UM11588 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. User manual Rev. 1.0 — 24 March 2021 3 / 9 |