データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF2131 データシート(PDF) 21 Page - NXP Semiconductors

部品番号 PCF2131
部品情報  Board User Manual
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 データシート(HTML) 21 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 17Page - NXP Semiconductors PCF2131 Datasheet HTML 18Page - NXP Semiconductors PCF2131 Datasheet HTML 19Page - NXP Semiconductors PCF2131 Datasheet HTML 20Page - NXP Semiconductors PCF2131 Datasheet HTML 21Page - NXP Semiconductors PCF2131 Datasheet HTML 22Page - NXP Semiconductors PCF2131 Datasheet HTML 23Page - NXP Semiconductors PCF2131 Datasheet HTML 24Page - NXP Semiconductors PCF2131 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
NXP Semiconductors
UM12262
FRDM-IMX91 Board User Manual
Figure 10. Resistors configuration for SAI1, UART5, and SPI3
2.12 CAN interface
The i.MX 91 processor supports a controller area network (CAN) module that is a communication controller
implementing the CAN protocol according to the CAN with flexible data rate (CAN FD) protocol and the CAN
2.0B protocol specification. The processor supports two CAN FD controllers.
On the FRDM-IMX91 board, one of the controllers is connected to the high-speed CAN transceiver
TJA1051T/3. The high-speed CAN transceiver drives CAN signals between the target processor and a 10-pin
2x5 2.54 mm header (P12) to its physical two-wire CAN bus.
The CAN_TXD and CAN_RXD signals are multiplexed on GPIO_IO25 and GPIO_IO27, respectively. On the
board, a 2-bit DIP switch (SW3) is used to control the CAN signals. For SW3 detail, see Section 1.7. The
CAN_STBY signal from the IO expander PCAL6524HEAZ (U725, P2_7, I2C address: 22) enables / disables
CAN standby mode.
UM12262
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
User manual
Rev. 3.0 — 22 April 2025
Document feedback
21 / 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34