| データシートサーチシステム |
|
75965. データシート(PDF) 44 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
75965. データシート(HTML) 44 Page - Wiha Tools |
|
44 / 52 page ![]() 44 Hex Metric Sockets 1/4” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. mm mm lbs. 71301 1.5 38 .04 71302 2.0 38 .04 71305 2.5 38 .04 71313 3.0 38 .04 71314 4.0 38 .04 71317 5.0 38 .05 71319 6.0 38 .05 71327 8.0 38 .05 71340 10.0 38 .05 713 Hex Metric Sockets 3/8” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. mm mm lbs. 71300 2.0 42 .09 71316 2.5 42 .09 71341 3.0 42 .09 71331 4.0 42 .09 71323 5.0 42 .09 71325 6.0 42 .09 71320 8.0 42 .10 71322 10.0 42 .11 713 Hex Metric Sockets 3/8” Square drive socket. Replaceable bit. 5/16” bits CVM steel. Item No. mm mm lbs. 71332 12.0 75 .22 713 Hex Inch/Metric Bit Sockets Hex Sockets 1/4 ” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. Inch mm lbs. 71371 1/16 38 .05 71370 5/64 38 .05 71372 3/32 38 .05 71374 7/64 38 .05 71376 1/8 38 .05 71378 9/64 38 .05 71380 5/32 38 .05 71382 3/16 38 .05 71384 7/32 38 .05 71386 1/4 38 .05 713 Security Hex Inch Sockets 3/8 ” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. Inch mm lbs. 76164 5/64 42 .09 76165 3/32 42 .09 76166 7/64 42 .09 76167 1/8 42 .09 76168 9/64 42 .09 76169 5/32 42 .09 76170 3/16 42 .09 76171 7/32 42 .09 76172 1/4 42 .09 761 Hex Sockets 3/8 ” Square drive socket. Replaceable bit. 1/4” bits CVM tool steel. Item No. Inch mm lbs. 71375 1/8 42 .09 71377 9/64 42 .09 71379 5/32 42 .09 71381 3/16 42 .09 71383 7/32 42 .09 71385 1/4 42 .09 71388 5/16 42 .10 71390 3/8 42 .10 713 Ball End Hex Inch Sockets 1/4 ” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. Inch mm lbs. 71761 3/32 38 .05 71762 7/64 38 .05 71763 1/8 38 .05 71764 9/64 38 .05 71765 5/32 38 .05 71766 3/16 38 .05 71767 7/32 38 .05 71768 1/4 38 .05 717 Wiha Ball End Hex Inch & Metric Bit Sockets Ball End Hex Metric Sockets 1/4 ” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. mm mm lbs. 71771 1.5 51 .11 71772 2.0 51 .11 71773 2.5 51 .11 71774 3.0 51 .11 71775 4.0 51 .11 71776 5.0 51 .12 71777 6.0 51 .12 717 Security Hex Metric Sockets 3/8 ” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. mm mm lbs. 76132 2.0 42 .09 76133 2.5 42 .09 76134 3.0 42 .09 76135 4.0 42 .09 76136 5.0 42 .09 76137 6.0 42 .09 76138 8.0 42 .09 761 1/4” Drive Bit Holding Socket With Retaining Ring For 1/4” drive bits. Item No. Bit mm Drive lbs. 1/4” 25 1/4” .04 3/8” Drive Bit Holding Socket With Retaining Ring For 1/4” drive bits. Item No. Bit mm Drive lbs. 1/4” 25 3/8” .08 Wiha Bit Holding Socket Replacements 72014 72038 72038 72014 Toll Free: (800) 494-6104 SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP |