| データシートサーチシステム |
|
76501 データシート(PDF) 8 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
76501 データシート(HTML) 8 Page - Wiha Tools |
|
8 / 52 page ![]() SoftFinish® CushionGrip Stubby Bit Holder with Wiha cushion grip handle and CVM tool steel shaft. Set includes the following 1/4” bits: lbs. : T8, T10, T15, .20 T20, T25, T30 8 BitFlip Standard BitFlip Standard with Wiha cushion grip handle & CVM tool steel shaft. Set includes the following 1/4” bits: lbs. : T8, T10, T15, T20, .44 T25, T27, T30, T40 Topra Ratchet Bit Set, 12 Pc. Set Includes Topra Handle, Magnetic Bit Holder & The Following Bits: lbs. .65 : T7, T8, T9, T10, T15, T20, T25, T27, T30, T40 XSelector Bit Set With Bits Set Includes Quick Release Holder & the following 10 bits: lbs. : T7, T8, T9, T10, T15, .29 T20, T25, T27, T30, T40 Multi-Bit Screwdriver with Wiha Powerhandle. lbs. .40 Includes the following 1/4” bits: : T5, T6, T7, T8, T9, T10 Multi-Bit Screwdriver with Wiha Powerhandle. lbs. .40 Includes the following 1/4” bits: : T8, T9, T10, T15, T20, T25 Multi-Bit Screwdriver with Wiha Powerhandle. lbs. .40 Includes the following 1/4” bits: : T10, T15, T20, T25, T30, T40 Bit-Selector With Bits Includes Auto Lock Magnetic 1/4” Bit Holder & The Following 10 Insert Bits: lbs. : T7, T8, T9, T10, .34 T15, T20, T25, T27, T30, T40 Bit-Selector With Bits Includes Universal Magnetic 1/4” Bit Holder & The Following 10 Insert Bits: lbs. : T5, T6, T7, T8, T9, .32 T10, T15, T20, T25, T30 PokitPak - Insert Bits In Molded Case - Includes 6 - 1/4” Insert Bits & Magnetic Bit Holder lbs. .16 : T8, T10, T15, T20, T25, T30 Power Bit Belt Pack With Bits Includes the following 10 bits: lbs. .28 : T6, T7, T8, T9, T10, T15, T20, T25, T27, T30 Wiha Insert Bit & Power Bit Sets 38028 79242 79245 79445 71195 74985 28295 38045 38008 38004 38003 Pop-Up Bit Screwdriver Set with Wiha SoftFinish handle, multi-component . Compact storage for 12 bits in the handle. Set includes the following 1/4” bits: lbs. : T5, T6, T7, T8, T9, T10, .42 T15, T20, T25, T27, T30, T40 38044 Bit holder stainless steel, magnetic Toll Free: (800) 494-6104 SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP |