データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

76565 データシート(PDF) 20 Page - Wiha Tools

部品番号 76565
部品情報  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WIHA [Wiha Tools]
ホームページ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76565 データシート(HTML) 20 Page - Wiha Tools

Back Button 76565 Datasheet HTML 16Page - Wiha Tools 76565 Datasheet HTML 17Page - Wiha Tools 76565 Datasheet HTML 18Page - Wiha Tools 76565 Datasheet HTML 19Page - Wiha Tools 76565 Datasheet HTML 20Page - Wiha Tools 76565 Datasheet HTML 21Page - Wiha Tools 76565 Datasheet HTML 22Page - Wiha Tools 76565 Datasheet HTML 23Page - Wiha Tools 76565 Datasheet HTML 24Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
20
Hex Inch SoftFinish® CushionGrip
Stubby Bit Holder with Wiha cushion grip
handle and CVM tool steel shaft.
lbs. .22
Includes the following 1/4” bits:
Hex Inch: 3/32, 7/64, 1/8,
9/64, 5/32, 3/16”
380
58
Hex Metric SoftFinish® CushionGrip
Stubby Bit Holder with Wiha cushion grip
handle and CVM tool steel shaft.
lbs. .21
Includes The Following 1/4” Bits:
Hex Metric: 2.0, 2.5, 3.0,
4.0, 5.0, 6.0mm
380
57
28298 Hex Inch Topra Ratchet Bit Set,
12 Pc. Set Includes Topra Handle, Magnetic
bit holder & The Following Bits:
Hex Inch:
lbs.
1/16, 5/64, 3/32, 7/64, 1/8,
.65
9/64, 5/32, 3/16, 7/32, 1/4”
Hex Metric Topra Ratchet Bit Set,
10 Pc. Set Includes Topra Handle, Magnetic
Bit Holder & The Following Bits:
Hex Metric:
lbs.
1.5, 2.0, 2.5, 3.0, 4.0,
.65
5.0, 6.0, 8.0mm
28299
79446
XSelector Bit Set With Hex Inch Bits
Set Includes Quick Release Holder
& The Following 10 Bits:
lbs. .27
Hex Inch: 1/16, 5/64, 3/32, 7/64,
1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
79246
Bit-Selector With Hex Inch Bits
Set Includes Magnetic 1/4” Bit Holder
& The Following 10 Bits:
lbs. .32
Hex Inch: 1/16, 5/64, 3/32, 7/64,
1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
79256
Bit-Selector With Hex Metric Bits
Set Includes Magnetic 1/4” Bit Holder
& The Following 8 Bits:
lbs. .30
Hex Metric: 1.5, 2.0, 2.5, 3.0,
4.0, 5.0, 6.0, 8.0mm
79266 Bit-Selector With Security Hex Inch
Bits Set Includes Magnetic 1/4” ClicFix Bit
Holder & The Following 9 Bits:
Security Hex Inch:
lbs.
5/64, 3/32, 7/64, 1/8, 9/64,
.32
5/32, 3/16, 7/32, 1/4”
71995 PokitPak - Security Hex Metric Insert
Bits In Molded Case - Set Includes
6 - 1/4” Insert Bits
lbs. .21
Metric Security Hex:
2.5, 3.0, 4.0, 5.0, 6.0, 8.0mm
PokitPak - Security Hex Inch Insert
Bits In Molded Case - Set Includes
6 - 1/4” Insert Bits
lbs. .12
Inch Security Hex:
3/32, 7/64, 1/8, 9/64, 5/32, 3/16”
71998
74986
Power Bit Belt Pack With
Inch & Metric Hex Bits Set Includes The
Following 10 Bits:
lbs. .34
Inch: 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
Metric: 3.0, 4.0, 5.0, 6.0mm
Security Hex Inch Multi-Bit
Screwdriver, 6 Pc. Set With Wiha Powerhandle
& CVM steel, hardened shaft.
lbs. .40
Set includes the following 1/4” bits:
Security Hex:
3/32, 1/8, 5/32, 3/16, 7/32”
38014
Wiha Hex Inch & Metric Bit Sets
Wiha Security Hex
Inch & Metric Bit Sets
Hex Inch & Metric Pop-Up Bit
Screwdriver Set SoftFinish handle, multi-
component
. Compact storage holds 12 bits.
Includes The Following 1/4” Bits:
Hex Inch: 5/64, 3/32, 1/8,
5/32, 3/16, 1/4”
lbs.
Hex Metric: 2.0, 2.5, 3.0,
.42
4.0, 5.0, 6.0mm
38049
Bit holder stainless
steel, magnetic
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com