データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

33471 データシート(PDF) 17 Page - Wiha Tools

部品番号 33471
部品情報  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WIHA [Wiha Tools]
ホームページ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33471 データシート(HTML) 17 Page - Wiha Tools

Back Button 33471 Datasheet HTML 13Page - Wiha Tools 33471 Datasheet HTML 14Page - Wiha Tools 33471 Datasheet HTML 15Page - Wiha Tools 33471 Datasheet HTML 16Page - Wiha Tools 33471 Datasheet HTML 17Page - Wiha Tools 33471 Datasheet HTML 18Page - Wiha Tools 33471 Datasheet HTML 19Page - Wiha Tools 33471 Datasheet HTML 20Page - Wiha Tools 33471 Datasheet HTML 21Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Wiha PocketStar Fold-Ups
9 Piece MagicRing Inch PocketStar Fold Outs
High alloy CVM steel, hardened, molded ergonomic handle.
Item No.
36997 PocketStar
lbs. .46
Inch: 5/64*, 3/32*, 7/64*, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
* Standard Ball - No Ring
36997
9 Piece Inch Hex PocketStar Fold Outs
High alloy CVM steel, hardened, molded ergonomic handle.
Item No.
35197 PocketStar
lbs. .47
Inch: 5/64, 3/32, 7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
35197
7 Piece MagicRing Metric PocketStar Fold Outs
High alloy CVM steel, hardened, molded ergonomic handle.
Item No.
36996 PocketStar
lbs. .50
Metric: 2.0*, 2.5*, 3.0, 4.0, 5.0, 6.0, 8.0mm
* Standard Ball - No Ring
36996
Screw
Holding
Screw
Holding
7 Piece Metric Hex PocketStar Fold Outs
High alloy CVM steel, hardened, molded ergonomic handle.
Item No.
35195 PocketStar
lbs. .51
Metric: 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0mm
35195
7 Piece Metric Hex PocketStar Fold Outs
High alloy CVM steel, hardened, molded ergonomic handle.
Item No.
35196 PocketStar
lbs. .31
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0mm
35196
6 Pc. Slotted, Phillips & Hex Metric PocketStar Fold Outs
High alloy CVM steel, hardened, molded ergonomic handle.
Item No.
35198 PocketStar
lbs. .35
Slotted: 5.5mm
Phillips: #2
Metric: 3.0, 4.0, 5.0, 6.0mm
35198
2 Pack MagicRing PocketStar Fold Outs Inch & Metric
High alloy CVM steel, hardened, molded ergonomic handle.
Item No.
66997 Fold Outs Inch/Metric Includes:
lbs. .98
36996 - 2.0*, 2.5*, 3.0, 4.0, 5.0, 6.0, 8.0mm
36997 - 5/64*, 3/32*, 7/64*, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
* Standard Ball - No Ring
66997
Screw
Holding
#35195
#35196
Push button
key release
Push button
key release
Push button
key release
Push button key release
Push button key
release
17
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com