データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10 データシート(PDF) 55 Page - STMicroelectronics

部品番号 ST10
部品情報  16-BIT MCU WITH 128KBYTE FLASH MEMORY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 データシート(HTML) 55 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 50Page - STMicroelectronics ST10 Datasheet HTML 51Page - STMicroelectronics ST10 Datasheet HTML 52Page - STMicroelectronics ST10 Datasheet HTML 53Page - STMicroelectronics ST10 Datasheet HTML 54Page - STMicroelectronics ST10 Datasheet HTML 55Page - STMicroelectronics ST10 Datasheet HTML 56Page - STMicroelectronics ST10 Datasheet HTML 57Page - STMicroelectronics ST10 Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
ST10F163
55/58
The transition of shift and latch edge of SSPCLK is programmable. This figure uses the falling edge as shift edge (drawn bold).
The bit timing is repeated for all bits to be transmitted or received.
The active level of the chip enable lines is programmable. This figure uses an active low CE (drawn bold).
At the end of a transmission or reception the CE signal is disabled in single transfer mode. In continuous transfer mode it remains active.
Figure 26 : SSP read timing
t211
SSPCLK
SSPCEx
SSPDAT
t
209
t
206
last Wr. Bit
Lst.In Bit
1)
3)
2)
t212
1st.In Bit
t
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58