データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HTMS1001FUG/AM データシート(PDF) 17 Page - NXP Semiconductors

部品番号 HTMS1001FUG/AM
部品情報  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1001FUG/AM データシート(HTML) 17 Page - NXP Semiconductors

Back Button HTMS1001FUG/AM Datasheet HTML 13Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 14Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 15Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 16Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 17Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 18Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 19Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 20Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
17 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
The RWD sends either the SOF at the start of a valid request or a special switch
command to the HITAG µ (as shown in Figure 5) in order to transfer it into the data
exchange mode.
11.2.1 SWITCH
Setting the transponder into data exchange mode (advanced mode) is done by sending
SOF pattern or the switch command within the listening window (232.5 x TC). The
SWITCH command itself does not contain SOF and EOF.
Fig 5.
Reader downlink modulation for SWITCH command
001aaj825
carrier on
0
0
0
0
1
1
stop condition
time
code violation
SOF
FDX ADV command
carrier off
transceiver
carrier on
carrier off
0
switch command
Table 11.
SWITCH Command
Command
Description
5
No. of bits
00011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57