| データシートサーチシステム |
|
HTMS8001FUG/AM データシート(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8001FUG/AM データシート(HTML) 8 Page - NXP Semiconductors |
|
8 / 57 page ![]() HTMS1x01_8x01 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.4 — 21 May 2015 152934 8 of 57 NXP Semiconductors HTMS1x01; HTMS8x01 HITAG µ transponder IC 8. Mechanical specification 8.1 Wafer specification See Ref. 2 “General specification for 8” wafer on UV-tape with electronic fail die marking”. Table 4. Wafer specification Wafer Designation each wafer is scribed with batch number and wafer number Diameter 200 mm (8 inches) Thickness 150 m ± 15 m Process CMOS 0.14 m Batch size 25 wafers PGDW 91981 Wafer backside Material Si Treatment ground and stress release Roughness Ra max. 0.5 m, Rt max. 5 m Chip dimensions Die size without scribe 550 m x 550 m = 302500 m2 Scribe line width X-dimension 15 m (scribe line width measured between nitride edges) Y-dimension 15 m (scribe line width measured between nitride edges) Number of pads 5 Passivation on front Type sandwich structure Material PE-nitride (on top) Thickness 1.75 m total thickness of passivation Au bump Material >99.9 % pure Au Hardness 35 HV to 80 HV 0.005 Shear strength >70 MPa Height 18 m Height uniformity within a die 2 m within a wafer 3 m wafer to wafer 4 m Bump flatness 1.5 m Bump size LA, LB 294 m 164 m TEST, GND, VDD 60 m 60 m variation 5 m Under bump metallization sputtered TiW |