| データシートサーチシステム |
|
HTMS8201FUG/AM データシート(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8201FUG/AM データシート(HTML) 26 Page - NXP Semiconductors |
|
26 / 57 page ![]() HTMS1x01_8x01 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.4 — 21 May 2015 152934 26 of 57 NXP Semiconductors HTMS1x01; HTMS8x01 HITAG µ transponder IC 13. State diagram 13.1 General description of states RF Off The powering magnetic field is switched off or the HITAG µ transponder IC is out of the field. WAIT After start up phase, the HITAG µ transponder IC is ready to receive the first command. READY The HITAG µ transponder IC enters this state after a valid command, except of the STAY QUIET, SELECT or WRITE-ISO11785 command. If there are several HITAG µ transponder ICs at the same time in the field of the RWD antenna, the anticollision sequence can be started to determine the UID of every HITAG µ transponder IC. SELECTED The HITAG µ transponder IC enters the Selected state after receiving the SELECT command with a matching UID. In the Selected state the respective commands with SEL=1 are valid only for selected transponder. Only one HITAG µ transponder IC can be selected at one time. If one transponder is selected and a second transponder receives the SELECT Command, the first transponder will automatically change to Quiet state. QUIET The HITAG µ transponder IC enters this state after receiving a STAY QUIET command or when he was in selected state and receives a SELECT command addressed to another transponder. In this state, the HITAG µ transponder IC reacts to any request commandos where the ADR flag is set. ISO 11785 STATE In this state the HITAG µ transponder IC replies according to the ISO 11785 protocol. Remark: In case of an invalid command the transponder will remain in his actual state. |