| データシートサーチシステム |
|
HTMS8201FTB/AF データシート(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8201FTB/AF データシート(HTML) 30 Page - NXP Semiconductors |
|
30 / 57 page ![]() HTMS1x01_8x01 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.4 — 21 May 2015 152934 30 of 57 NXP Semiconductors HTMS1x01; HTMS8x01 HITAG µ transponder IC 13.4.3.2 Anticollision with 16 slots The transponder IC will receive several inventory commands with NOS = '0' defining an amount of 16 slots. Within the request there is the mask specified by length and value (sent LSB first). In case of mask length = '0' the four least significant bits of transponder ICs UID become the starting value of transponder IC's slot counter. In case of mask length '0' the received fractional mask is compared to transponder IC's UID. If it matches the starting value for transponder IC's slot number will be calculated. Starting at last significant bit of the sent mask the next four less significant bits of UID are used for this value. At the same time transponder IC's slot counter is reset to '0'. Now the RWD begins its anticollision algorithm. Every time the transponder IC receives an EOF it increments slot-counter. Now if mask value and slot-counter value are matching the transponder IC responses with the remaining UID without mask value but with slot number In case of collision within one slot the RWD changes the mask value and starts again running its algorithm. |